Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 14 Page - Microchip Technology

Part # ENC28J60
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 14 Page - Microchip Technology

Back Button ENC28J60_12 Datasheet HTML 10Page - Microchip Technology ENC28J60_12 Datasheet HTML 11Page - Microchip Technology ENC28J60_12 Datasheet HTML 12Page - Microchip Technology ENC28J60_12 Datasheet HTML 13Page - Microchip Technology ENC28J60_12 Datasheet HTML 14Page - Microchip Technology ENC28J60_12 Datasheet HTML 15Page - Microchip Technology ENC28J60_12 Datasheet HTML 16Page - Microchip Technology ENC28J60_12 Datasheet HTML 17Page - Microchip Technology ENC28J60_12 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
ENC28J60
DS39662E-page 14
.
 2006-2012 Microchip Technology Inc.
EPMCSL
Pattern Match Checksum Low Byte (EPMCS<7:0>)
0000 0000
51
EPMCSH
Pattern Match Checksum High Byte (EPMCS<15:0>)
0000 0000
51
EPMOL
Pattern Match Offset Low Byte (EPMO<7:0>)
0000 0000
51
EPMOH
—
—
—
Pattern Match Offset High Byte (EPMO<12:8>)
---0 0000
51
ERXFCON
UCEN
ANDOR
CRCEN
PMEN
MPEN
HTEN
MCEN
BCEN
1010 0001
48
EPKTCNT
Ethernet Packet Count
0000 0000
43
MACON1
—
—
—
r
TXPAUS
RXPAUS
PASSALL
MARXEN
---0 0000
34
MACON3
PADCFG2
PADCFG1
PADCFG0
TXCRCEN
PHDREN
HFRMEN
FRMLNEN
FULDPX
0000 0000
35
MACON4
—
DEFER
BPEN
NOBKOFF
—
—
r
r
-000 --00
36
MABBIPG
—
Back-to-Back Inter-Packet Gap (BBIPG<6:0>)
-000 0000
36
MAIPGL
—
Non-Back-to-Back Inter-Packet Gap Low Byte (MAIPGL<6:0>)
-000 0000
34
MAIPGH
—
Non-Back-to-Back Inter-Packet Gap High Byte (MAIPGH<6:0>)
-000 0000
34
MACLCON1
—
—
—
—
Retransmission Maximum (RETMAX<3:0>)
---- 1111
34
MACLCON2
—
—
Collision Window (COLWIN<5:0>)
--11 0111
34
MAMXFLL
Maximum Frame Length Low Byte (MAMXFL<7:0>)
0000 0000
34
MAMXFLH
Maximum Frame Length High Byte (MAMXFL<15:8>)
0000 0110
34
MICMD
—
—
—
—
—
—
MIISCAN
MIIRD
---- --00
21
MIREGADR
—
—
—
MII Register Address (MIREGADR<4:0>)
---0 0000
19
MIWRL
MII Write Data Low Byte (MIWR<7:0>)
0000 0000
19
MIWRH
MII Write Data High Byte (MIWR<15:8>)
0000 0000
19
MIRDL
MII Read Data Low Byte (MIRD<7:0>)
0000 0000
19
MIRDH
MII Read Data High Byte(MIRD<15:8>)
0000 0000
19
MAADR5
MAC Address Byte 5 (MAADR<15:8>)
0000 0000
34
MAADR6
MAC Address Byte 6 (MAADR<7:0>)
0000 0000
34
MAADR3
MAC Address Byte 3 (MAADR<31:24>), OUI Byte 3
0000 0000
34
MAADR4
MAC Address Byte 4 (MAADR<23:16>)
0000 0000
34
MAADR1
MAC Address Byte 1 (MAADR<47:40>), OUI Byte 1
0000 0000
34
MAADR2
MAC Address Byte 2 (MAADR<39:32>), OUI Byte 2
0000 0000
34
EBSTSD
Built-in Self-Test Fill Seed (EBSTSD<7:0>)
0000 0000
76
EBSTCON
PSV2
PSV1
PSV0
PSEL
TMSEL1
TMSEL0
TME
BISTST
0000 0000
75
EBSTCSL
Built-in Self-Test Checksum Low Byte (EBSTCS<7:0>)
0000 0000
76
EBSTCSH
Built-in Self-Test Checksum High Byte (EBSTCS<15:8>)
0000 0000
76
MISTAT
—
—
—
—
r
NVALID
SCAN
BUSY
---- 0000
21
EREVID(2)
—
—
—
Ethernet Revision ID (EREVID<4:0>)
---q qqqq
22
ECOCON(3)
—
—
—
—
—
COCON2
COCON1
COCON0
---- -100
6
EFLOCON
—
—
—
—
—
FULDPXS
FCEN1
FCEN0
---- -000
56
EPAUSL
Pause Timer Value Low Byte (EPAUS<7:0>)
0000 0000
57
EPAUSH
Pause Timer Value High Byte (EPAUS<15:8>)
0001 0000
57
TABLE 3-2:
ENC28J60 CONTROL REGISTER SUMMARY (CONTINUED)
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value
on
Reset
Details
on
Page
Legend:
x = unknown, u = unchanged, - = unimplemented, q = value depends on condition, r = reserved, do not modify.
Note
1:
CLKRDY resets to ‘0’ on Power-on Reset but is unaffected on all other Resets.
2:
EREVID is a read-only register.
3:
ECOCON resets to ‘---- -100’ on Power-on Reset and ‘---- -uuu’ on all other Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com