Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ-R71 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8236ARMZ-R71
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ-R71 Datasheet(HTML) 5 Page - Analog Devices

  AD8236ARMZ-R71 Datasheet HTML 1Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 2Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 3Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 4Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 5Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 6Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 7Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 8Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8236
Rev. 0 | Page 5 of 20
+VS = 1.8 V, −VS = 0 V (GND), VREF = 0.9 V, TA = 25°C, G = 5, RL = 100 kΩ to GND, unless otherwise noted.
Table 3.
Parameter
Test Conditions
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
VS = ±0.9 V, VREF = 0 V
CMRR DC
VCM = −0.6 V to +0.6 V
G = 5
86
94
dB
G = 10
90
100
dB
G = 100
100
110
dB
G = 200
100
110
dB
NOISE
Voltage Noise Spectral Density, RTI
f = 1 kHz, G = 5
76
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 5
4
μV p-p
G = 200
4
μV p-p
Current Noise
15
fA/√Hz
VOLTAGE OFFSET
Input Offset, VOS
3.5
mV
Average Temperature Coefficient (TC)
−40°C to +125°C
2.5
μV/°C
Offset RTI vs. Supply (PSR)
VS = 1.8 V to 5 V
G = 5
100
120
dB
G = 10
110
126
dB
G = 100
110
130
dB
G = 200
110
130
dB
INPUT CURRENT
Input Bias Current
1
10
pA
Overtemperature
−40°C to +85°C
100
pA
−40°C to +125°C
600
pA
Input Offset Current
0.5
5
pA
Overtemperature
−40°C to +85°C
50
pA
−40°C to +125°C
130
pA
DYNAMIC RESPONSE
Small Signal Bandwidth, –3 dB
G = 5
23
kHz
G = 10
9
kHz
G = 100
0.8
kHz
G = 200
0.4
kHz
Settling Time 0.01%
VOUT = 1.4 V step
G = 5
143
μs
G = 10
178
μs
G = 100
1000
μs
G = 200
1864
μs
Slew Rate
G = 5 to 100
11
mV/μs
GAIN
Gain Range
G = 5 + 420 kΩ/RG
5
2001
V/V
Gain Error
VS = ±0.9 V, VREF = 0 V, VOUT = −0.6 V to +0.6 V
G = 5
0.005
0.05
%
G = 10
0.03
0.2
%
G = 100
0.06
0.2
%
G = 200
0.15
0.3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com