Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8236ARMZ-R71
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  AD8236ARMZ-R71 Datasheet HTML 1Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 2Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 3Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 4Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 5Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 6Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 7Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 8Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
40 μA Micropower Instrumentation
Amplifier with Zero Crossover Distortion
AD8236
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 40 μA supply current (maximum)
Low input currents
1 pA input bias current
0.5 pA input offset current
High CMRR: 110 dB CMRR, G = 100
Space-saving MSOP
Zero input crossover distortion
Rail-to-rail input and output
Gain set with single resistor
Operates from 1.8 V to 5.5 V
APPLICATIONS
Medical instrumentation
Low-side current sense
Portable devices
CONNECTION DIAGRAM
–IN 1
RG 2
RG 3
+IN 4
+VS
8
VOUT
7
REF
6
–VS
5
AD8236
TOP VIEW
(Not to Scale)
Figure 1.
1.0
2.0
4.0
3.0
5.0
0.5
1.5
3.5
2.5
4.5
0
OUTPUT VOLTAGE (V)
5.5
5.0
0.5
–0.5
1.5 2.0
3.0
4.0
4.5
0
1.0
2.5
3.5
G = 5
VS = 5V
VREF = 2.5V
G = 5
VS = 1.8V
VREF = 0.9V
Figure 2. Wide Common-Mode Voltage Range vs. Output Voltage
GENERAL DESCRIPTION
The AD8236 is the lowest power instrumentation amplifier
in the industry. It has rail-to-rail outputs and can operate on
voltages as low as 1.8 V. Its 40 μA maximum supply current
makes it an excellent choice in battery-powered applications.
The AD8236’s high input impedance, low input bias current of
1 pA, high CMRR of 110 dB (G = 100), small size, and low power
offer tremendous value. It has a wider common-mode voltage
range than typical three-op-amp instrumentation amplifiers,
making this a great solution for applications that operate on a
single 1.8 V or 3 V supply. An innovative input stage allows for
a wide rail-to-rail input voltage range without the crossover
distortion common in other designs.
The AD8236 is available in an 8-lead MSOP and is specified
over the industrial temperature range of −40°C to +125°C.
Table 1. Instrumentation Amplifiers by Category1
General
Purpose
Zero Drift
Military
Grade
Low
Power
High Speed
PGA
AD8220
AD8230
AD620
AD8236
AD8250
AD8221
AD8231
AD621
AD627
AD8251
AD8222
AD8290
AD624
AD623
AD8253
AD8228
AD8293G80
AD524
AD8223
AD8295
AD8293G160
AD526
AD8226
AD8553
AD8556
AD8557
1 See www.analog.com/inamps for the latest instrumentation amplifiers.


Similar Part No. - AD8236ARMZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8236ARMZ-R71 AD-AD8236ARMZ-R71 Datasheet
480Kb / 21P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Rev. 0
More results

Similar Description - AD8236ARMZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8235 AD-AD8235 Datasheet
521Kb / 20P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. 0
AD8237 AD-AD8237 Datasheet
648Kb / 28P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8235 AD-AD8235_16 Datasheet
591Kb / 21P
40 關A Micropower Instrumentation Amplifier in WLCSP Package
REV. A
AD8236 AD-AD8236_16 Datasheet
480Kb / 21P
40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
Rev. 0
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Rev. 0
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com