Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8236ARMZ-R71
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8236ARMZ-R71 Datasheet HTML 5Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 6Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 7Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 8Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 9Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 10Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 11Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 12Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8236
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
G = 5, +VS = 5 V, VREF = 2.5 V, RL = 100 kΩ tied to GND, TA = 25°C, unless otherwise noted.
0
CMRR (µV/V)
700
600
500
400
300
200
100
–40
–20
0
20
40
Figure 5. Typical Distribution of CMRR, G = 5
0
VOSI (µV)
800
600
400
200
–4000 –3000 –2000 –1000
0
1000
3000
2000
4000
Figure 6. Typical Distribution of Input Offset Voltage
10
100
1k
1
10
100
1k
10k
FREQUENCY (Hz)
GAIN = 5
GAIN = 200
BANDWIDTH
LIMITED
Figure 7. Voltage Noise Spectral Density vs. Frequency
1s/DIV
5µV/DIV
GAIN = 5
Figure 8. 0.1 Hz to 10 Hz RTI Voltage Noise
1s/DIV
5µV/DIV
GAIN = 200
Figure 9. 0.1 Hz to 10 Hz RTI Voltage Noise
0
20
40
60
80
100
120
140
0.1
1
10
100
1k
10k
100k
FREQUNCY (Hz)
INTERNAL
CLIPPING
GAIN = 100
GAIN = 200
GAIN = 5
GAIN = 10
Figure 10. Positive PSRR vs. Frequency, RTI,
VS = ±0.9 V, ±2.5 V, VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com