Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ-R71 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8236ARMZ-R71
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ-R71 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8236ARMZ-R71 Datasheet HTML 12Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 13Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 14Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 15Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 16Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 17Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 18Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 19Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8236
Rev. 0 | Page 18 of 20
APPLICATIONS INFORMATION
AC-COUPLED INSTRUMENTATION AMPLIFIER
An integrator can be tied to the AD8236 in feedback to create a
high-pass filter as shown in Figure 41. This circuit can be used
to reject dc voltages and offsets. At low frequencies, the impedance
of the capacitor, C, is high. Therefore, the gain of the integrator
is high. DC voltage at the output of the AD8236 is inverted and
gained by the integrator. The inverted signal is injected back into
the REF pin, nulling the output. In contrast, at high frequencies,
the integrator has low gain because the impedance of C is low.
Voltage changes at high frequencies are inverted but at a low
gain. The signal is injected into the REF pins, but it is not enough to
null the output. At very high frequencies, the capacitor appears as
a short. The op amp is at unity gain. High frequency signals are,
therefore, allowed to pass.
When a signal exceeds fHIGH-PASS, the AD8236 outputs the high-
pass filtered input signal.
AD8236
AD8603
R
+VS
+IN
–IN
0.1µF
0.1µF
10µF
REF
C
+VS
+VS
VREF
1
2πRC
fHIGH-PASS =
Figure 41. AC-Coupled Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com