Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8236ARMZ-R71 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8236ARMZ-R71
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236ARMZ-R71 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8236ARMZ-R71 Datasheet HTML 12Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 13Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 14Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 15Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 16Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 17Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 18Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 19Page - Analog Devices AD8236ARMZ-R71 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD8236
Rev. 0 | Page 19 of 20
LOW POWER HEART RATE MONITOR
The low power and small size of the AD8236 make it an
excellent choice for heart rate monitors. As shown in Figure 42,
the AD8236 measures the biopotential signals from the body.
It rejects common-mode signals and serves as the primary gain
stage set at G = 5. The 4.7 μF capacitor and the 100 kΩ resistor
set the −3 dB cutoff of the high-pass filter that follows the
instrumentation amplifier. It rejects any differential dc offsets
that may develop from the half-cell overpotential of the electrode.
A secondary gain stage, set at G = 403, amplifies the ECG signal,
which is then sent into a second-order, low-pass, Bessel filter
with −3 dB cutoff at 48 Hz. The 324 Ω resistor and 1 μF capacitor
serve as an antialiasing filter. The 1 μF capacitor also serves as a
charge reservoir for the ADC’s switched capacitor input stage.
This circuit was designed and tested using the AD8609, low
power, quad op amp. The fourth op amp is configured as a Schmitt
trigger to indicate if the right arm or left arm electrodes fall off
the body. Used in conjunction with the 953 kΩ resistors at the
inputs of the AD8236, the resistors pull the inputs apart when
the electrodes fall off the body. The Schmitt trigger sends an
active low signal to indicate a leads off condition.
The reference electrode (right leg) is set tied to ground. Likewise,
the shield of the electrode cable is also tied to ground. Some
portable heart rate monitors do not have a third electrode. In
such cases, the negative input of the AD8236 can be tied to GND.
Note that this circuit is shown, solely, to demonstrate the capability
of the AD8236. Additional effort must be made to ensure
compliance with medical safety guidelines.
+2.5V
+2.5V
–2.5V
+2.5V
–2.5V
–2.5V
–2.5V
0.1µF
0.1µF
0.1µF
+2.5V
AD8609
AD8236
IN-AMP
AD8609
AD8609
AD8609
+2.5V
–2.5V
LEADS OFF DETECTION
INTERRUPT
LEADS OFF
402kΩ
1kΩ
1kΩ
24.9kΩ
324Ω
1µF
220nF
4.7µF
100kΩ
953kΩ
RA
LA
RL
953kΩ
1kΩ
20kΩ
5kΩ
680nF
4.02kΩ
MCU + ADC
10-BIT ADC
0.1µF
Figure 42. Example Low Power Heart Rate Monitor Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com