Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 91 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 91 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 87Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 88Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 89Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 90Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 91Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 94Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 116 page
background image
91
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
3.56
(0.140)
1.27
(0.050)
6.35
(0.250)
0.76
(0.030)
4.37
(0.172)
4.06
(0.160)
1.57
(0.062)
0.51
(0.020)
1.02
(0.040)
2.79
(0.110)
9.53
(0.375)
6.10
(0.240)
6.10
(0.240)
Tab ordering code 31
Tab ordering code 32
Tabs
Aavid’s Shur-Lock™ self locking stand-off tab (U.S. Patent
#5,437,561) positively secures any heat sink to the printed circuit
board. This Shur-Lock™ tab exhibits many unique design features.
The rounded and bifurcated tip of the Shur-Lock™ solderable tab
has been designed to easily snap into any 0.093” diameter hole.
Once through the hole, the tab provides a positive resistance to
backing or falling out of the hole. In addition, the spring action
between the tab and the plated through hole prevents leaning
or lift-off of the heat sink prior to or during the soldering process.
The tip extension of the Shur-Lock™ tab has been designed to
protrude less than 0.060” beyond the back of a standard 0.0625”
PC board, which is below the normal lead trimming allowance
for assembled PCBs.
Shur-Lock’s™ stand-off design facilitates the cleaning of assem-
bled PCBs and permits electrical traces to be routed under the
heat sink. The wide base supports of the tab further improve
the stability of the heat sink assembly.
• Positive PCB engagement
• Integrated PCB stand-off
• Quick “snap-in” assembly design
• Reduces installed assembly cost
• Designed for rugged shock
and vibration environments
• Can be installed on a variety of stamped
and extruded board level heat sinks
1.58
(0.062)
2.67
(0.105)
6.35
(0.250)
10.41
(0.410)
6.35
(0.250)
0.76
(0.030)
Variations of the above specifications are possible. Contact Aavid Thermalloy for
additional details for use with thicker PCB sizes, such as 0.093” or other hole diameters.
*Vertical force applied to the sink-tab joint.
Material
Spring steel
Finish
Tin plating over a copper flash
Pull-out force*
70 lbs/tab minimum
Recommended
PCB hole diameter
0.092” – 0.096”
PCB thickness
0.065” – 0.068”
PRODUCT INFORMATION
FEATURES
TM
Shur-Lock
TM Tabs
Tab ordering code 28
574802B0 _ _ 00G
Ordering code
ORDERING INFORMATION
example 12 digit part
Aavid solderable tabs stake onto heat sinks for solder mounting into the
PC board. The tabs are available in a variety of lengths, widths and thicknesses.
Tabs are factory applied for both vertical and horizontal mountings including:
step tabs, which keep the heat sink elevated above the board, and tabs with a
triangular base for extra stability.
Many of Aavid’s tabs are customized. Below are examples of standard tabs.
Please consult Aavid’s customer service department for information about
other tab options.
574802B0 _ _ 00G
Ordering code
ORDERING INFORMATION
example 12 digit part
TM
Solderable Staked on Tabs
Factory applied only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com