Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 40 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 40 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 43Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 44Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
40
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5306, 5307, 5760
Channel style heat sink with wide mounting surface
Lightweight, low cost channel style
heat sink with wide mounting surface
and selection of lengths to accept a
variety of packages. Models accomodate
one or two devices.
"C"
AT BASE
25.40
(1.000)
THRU
3.81
(0.150)
ø
"B"
"A"
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
530613 or 530614
576012, 530714 or 576014
Part Number
Figure
“A” Dim
“B” Dim
“C” Dim
530613B00000G
B
12.19 (0.480)
10.16 (0.400)
530614B00000G
A
29.97 (1.180)
11.68 (0.460)
12.70 (0.500)
530714B00000G
A
18.03 (0.710)
12.32 (0.485)
12.70 (0.500)
576012B00000G
A
22.86 (0.900)
11.43 (0.450)
9.65 (0.380)
576014B00000G
A
22.86 (0.900)
8.13 (0.320)
9.65 (0.380)
ORDERING INFORMATION
12.70
(0.500)
29.97
(1.180)
AT BASE
25.40
(1.000)
THRU 2X
3.81
(0.150)
ø
"A"
"B"
CL
FIGURE A
FIGURE B
For additional options see page 82
5779, 5786
Twin channel style heat sink
Twin channel style heat sink
vertically mounts two TO-220 devices
to a single heat sink. Center fins
increase cooling capacity. Available
with integrated twist tabs or staked
on solder tabs for easy attachment
to the PC board.
37.59
(1.480)
12.70
(0.500)
2.54
(0.100)
5.08
(0.200)
26.16
(1.030)
19.30
(0.760)
30.15
(1.187)
3.81
(0.150)
THRU
TYP 2
ø
9.65
(0.380)
TYP 2
15.49
(0.610)
TYP 2
3.81
(0.150)
THRU
TYP 2
ø
37.59
(1.480)
12.70
(0.500)
14.99
(0.590)
35.56
(1.400)
9.65
(0.380)
TYP 2
19.30
(0.760)
5.59
(0.220)
1.57
(0.062)
3.43
(0.135)
12.70
(0.500)
25.40
(1.000)
ORDERING INFORMATION
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Part Number
Description
Figure
577922B00000G
Twin channel style heat sink with integrated tabs
A
3.10 (0.122)
578622B03200G
With staked on solderable tabs
B
1.91 (0.075)
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
For additional options see page 82
TO-220 Heat Sinks
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com