Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 37 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 37 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 116 page
background image
37
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6238, 6239
Channel style heat sink with integrated clip
Channel style heat sink with
integrated clip features strong
spring tension and device lock-
ing tab to attach device securely
to the heat sink. Available with
solderable tabs for vertical
mount or without tabs for
mounting horizontally.
10.80
(0.425)
24.38
(0.960)
2.67
(0.105)
15.49
(0.610)
25.53
(1.005)
5.08
(0.200)
8.00
(0.315)
"A"
2.02
(0.080)
B
B
3.17
(0.125)
19.05
(0.750)
1.90
(0.075)
16.51
(0.650)
SECTION B-B
AT BASE
TAB
Part Number
Description
“A” Dim
6238BG
Channel heat sink with integral clip, no solderable tab
6238B-MTG
With solderable mounting tabs
10.16 (0.400)
2.90 (0.114)
6239B-MTG
With solderable mounting tabs
6.99 (0.275)
2.90 (0.114)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
5342
Channel style heat sink with convenient clip
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize
TO-220 Heat Sinks
Dia of PCB
Plated Thru
Hole for Tabs
ORDERING INFORMATION
Channel style heat sink features
a dittin to locate the device and
a convenient clip to eliminate the
need for mounting hardware. The
twisted fins increase cooling effi-
ciency. Available in two solderable
mounting tab styles. Can be ordered
without the ditton if electrical isola-
tion is required or for mounting
tabless packages.
25.40
(1.000)
17.78
(0.700)
3.12
(0.123)
22.35
(0.880)
12.70
(0.500)
9.27
(0.365)
1.60
(0.063)
29.97
(1.180)
0.762
(0.030)
9.78
(0.385)
CL
14.12
(0.556)
“A”
Part Number
Description
Figure
“A” Dim
534202B02853G
With Shur-LockTM tabs and clip
A
Dia 3.05(0.120) x 0.64(0.025) High Dittin
2.39 (0.094)
534202B03453G
With solderable mounting tabs and clip
B
Dia 3.05(0.120) x 0.64(0.025) High Dittin
2.39 (0.094)
534265B02853G
With Shur-LockTM tabs and clip
A
No Dittin
2.39 (0.094)
534265B03453G
With solderable mounting tabs and clip
B
No Dittin
2.39 (0.094)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
17.78
(0.700)
4.27
(0.170)
23.93
(0.942)
12.70
(0.500)
10.16
(0.400)
1.90
(0.075)
29.97
(1.180)
0.81
(0.032)
9.78
(0.385)
CL
25.40
(1.000)
14.12
(0.556)
“A”
FIGURE A
FIGURE B
12.06
(0.475)
3.96
(0.156)
3.17
(0.125)
13.84
(0.545)
CLIP 53
For additional options see page 85
Dia of PCB
Plated Thru
Hole for Tabs
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com