Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 38 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 38 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 39Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 40Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 41Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 42Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
38
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5041, 5042
Economy, narrow base, low profile channel style heat sink
Economy, narrow base, low profile
channel style heat sink is perfect for
use on printed circuit boards with tight
component spacing. Models are available
for single and dual device mounting.
17.80
(0.700)
3.66
(0.144)
THRU
13.46
(0.530)
21.60
(0.850)
19.80
(0.780)
ø
"X"
Part Number
Description
Figure
504102B00000G
Economy, narrow base channel style heat sink
A
504222B00000G
For dual devices
B
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
504222
504102
Material: 1.02 (0.040) Thick Aluminum
Finish: Black Anodize
TO-220 Heat Sinks
Position
Code
Description
Location
Details
A
01
6-32 Wave On threaded insert 0.100 stand off
Hole X
Page 89
21.59
(0.850)
13.47
(0.530)
36.83
(1.450)
3.66
(0.144)
THRU TYP 2
19.81
(0.780)
9.91
(0.390)
ø
"X"
"X"
13.47
(0.530)
Economy, narrow base, low profile
channel style heat sink is perfect for use
on printed circuit boards with 0.500 inch
centering. When mounted horizontally, the
total height of the heat sink is just 0.380.
9.65
(0.380)
9.52
(0.375)
13.34
(0.525)
ø 3.81
(0.150)
THRU
19.05
(0.750)
19.05
(0.750)
L
C
"X"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Part Number
Finish
507302B00000G
Black anodize
507302J00000G
Pre-black anodize*
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: See Table
Position
Code
Description
Location
Details
A
09
Stud 4–40 x 0.350 LG
Hole X
Page 96
* Edges cut during the manufacturing process will be unfinished. See page 110 for more information
5073
Economy, narrow base, low profile channel style heat sink
7141
Copper narrow channel style heat sink with integrated clip
Copper narrow channel style heat
sink with integrated clip and locking
tab for secure attachment to the device.
Single center tab can be soldered
directly to the PC board.
19.81
(0.780)
5.72
(0.225)
1.27
(0.050)
3.81
(0.150)
3.05
(0.120)
13.08
(0.515)
13.21
(0.520)
Top is cut
away to
show detail
2.54
(0.100)
MAX
16.51
(0.650)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
1
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
7141DG
Narrow channel heat sink with integrated clip
2.77 (0.109)
ORDERING INFORMATION
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
Dia of PCB
Plated Thru
Hole for Tabs
FIGURE A
FIGURE B
POPULAR OPTIONS:
Base part no.
A
507302 _ 000 00G
POPULAR OPTIONS:
Base part no.
A
504_ _2B0 00 00G
For additional options see page 82
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com