Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 34 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 34 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 35Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 36Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 37Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 38Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
34
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5901
Channel style heat sink featuring recessed lower fins
Channel style heat sink features
recessed lower fins to allow closer com-
ponent spacing and longer upper fins for
maximum cooling. Includes two solderable
tabs for easy attachment to the PC card.
25.40
(1.000)
17.78
(0.700)
23.50
(0.925)
3.96
(0.156)
25.40
(1.000)
2.54
(0.100)
12.70
(0.500)
42.54
(1.675)
5.08
(0.200)
9.53
(0.375)
x
ø
SLOT
23.98
(0.944)
1.27
(0.050)
CL
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
17.78
(0.700)
42.54
(1.675)
3.96
(0.156)
0.81
(0.032)
11.43
(0.450)
5.08
(0.200)
12.70
(0.500)
24.89
(0.980)
2.54
(0.100)
9.52
(0.375)
ø
CL
x
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Channel style heat sink features slotted
mounting hole to accommodate a variety of
devices and lead lengths. Includes two solder-
able tabs for easy attachment to the PC card.
5903
Channel style heat sink featuring slotted mounting hole
5770, 5771, 5772
Slim low cost channel style heat sink
Slim low cost channel style heat sink
is ideal where space and cost are limited.
Available in 3 fin heights with or without
solderable mounting tab.
19.05
(0.750)
6.35
(0.250)
1.27
(0.050)
ø 3.81
(0.150) THRU
0.81
(0.032)
13.21
(0.520)
"A"
10.67
(0.420)
13.33
(0.525)
CL
TAB
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
577102
577202
577002
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
590302B03600G High performance heat sink with solderable tabs
2.92 (0.115)
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
ORDERING INFORMATION
Part Number
Description
590102B03600G High performance heat sink with recessed lower fins
2.92 (0.115)
Dia of PCB
Plated Thru
Hole for Tabs
ORDERING INFORMATION
Part Number
Description
“A” Dim
577002B00000G
Slim, low cost channel style heat sink with no solderable tabs
6.35 (0.250)
577002B04000G
With solderable tab
6.35 (0.250)
1.73 (0.068)
577102B00000G
Slim, low cost channel style heat sink with no solderable tabs
9.52 (0.375)
577102B04000G
With solderable tab
9.52 (0.375)
1.73 (0.068)
577202B00000G
Slim, low cost channel style heat sink with no solderable tabs
12.70 (0.500)
577202B04000G
With solderable tab
12.70 (0.500)
1.73 (0.068)
Dia of PCB
Plated Thru
Hole for Tabs
Position
Code
Description
Details
A
3
In-Sil-8TM pad
Page 86
POPULAR OPTIONS:
Base part no.
A
577_ _02B 0 4000G
For additional options see page 82
For additional options see page 82
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com