Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW63-2G Datasheet(PDF) 103 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW63-2G
Description  How to Use This Catalog
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW63-2G Datasheet(HTML) 103 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW63-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 105Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 106Page - Aavid, Thermal Division of Boyd Corporation SW63-2G Datasheet HTML 107Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
103
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Insulators – Mica and ThermalsilTM III
Mica and Thermalsil
TM III
ORDERING INFORMATION
Part number
Description
Device
"A" Dim
"B" Dim
"C" Dim
"D" Dim
Figure
56-77-9G
Mica
TO-220
18.42 (0.725)
13.21 (0.520)
4.32 (0.170)
2.92 (0.115)
B
56-03-2G
Mica
TO-3
42.04 (1.655)
27.00 (1.063)
3.96 (0.156)
1.57 (0.062)
A
53-77-9G
ThermalsilTM III
TO-220
18.42 (0.725)
13.21 (0.520)
4.32 (0.170)
2.92 (0.115)
B
53-03-2G
ThermalsilTM III
TO-3
42.04 (1.655)
27.00 (1.063)
3.96 (0.156)
1.57 (0.062)
A
Property
Electrical
Dielectric strength
172 X 103 volts/mm (4500 volts/mil)
0.025 mm to 0.076 mm thick in air (1 to 3 mils thick in air)
Dielectric constant
6.5 to 8.7
Dissipation factor
0.0001-0.0004 @ 106 Hz
Volume resistivity
1015 ohm-cm
Physical
Modules of elasticity in tension
172 X 103 Mpa (25 X 106) psi
Tensile strength
310 Mpa (45,000 psi)
Hardness mohs, shore
3.0, 115
Compressive strength
2.21 X 108 Pa (32,000 psi)
Specific gravity
2.9
Thermal
Thermal conductivity
0.528 W/(m °C ) (0.30 Btu/hr-ft °F)
Coefficient of thermal expansion
3.24 X 10-5 °C (1.8 X 10-5 °F)
Specific heat
0.084 KJ/Kg °C (0.02 Btu/Lb °F)
Melting point
1275°C (2327 °F)
Max. operating temperature
550 °C (1022 ºF)
TYPICAL PROPERTIES FOR MICA INSULATORS
Thermalsil™ III provides excellent thermal conductivity
and electrical resistance. It is used as an electrically-isolat-
ing interface material composed of silicone elastomer
binder with a thermally conductive filler. It is reinforced
with glass cloth to resist tearing and cut-through due to
burrs on transistors or heat sinks.
Thermalsil™ III eliminates the need for grease application
and conforms to mounting surfaces under clamping pres-
sure for optimum heat conduction. The finely woven glass
cloth provides the thinnest possible matrix for enhanced
thermal resistance. Thermalsil™ III is available in any con-
figuration with adhesive backing.
Mica insulators provide high maximum operating temper-
atures (550°C) and excellent electrical properties.
FIGURE A
FIGURE B
"B"
30.15
(1.187)
10.92
(0.430)
"A"
1.83
(0.072)
"C"
DIA
TYP(2)
"D"
DIA
TYP(2)
"A"
"B"
"C"
"D"
DIA
Property
Typical value 25°C
Test method
Electrical
Dielectric constant
2.5@50 Hz
ASTM D-150
2.5@103 Hz
2.5@106 Hz
Dielectric breakdown voltage 26.3 x 103 volts/mm (667 volts/mil)
ASTM D-149
Volume resistivity
5.7 x 1015 ohm-cm
ASTM D-257
Dielectric dissipation factor
0.008@50 Hz
ASTM D-150
0.004 @103 Hz
0.004 @106 Hz
Physical
Thickness
0.15mm
(0.006 inch)
Color
Gray-Green
Tensile strength
6.1 x 107 Pa (8786 psi)
Hardness, shore A
87
Elongation
2% or less
Thermal
Thermal conductivity
0.92 W/(m °C ) (0.532 Btu/hr. ft °F)
Flame resistance
UL 94V-0
UL card #E-58126 (S)
Service temperature
-60°C to 180°C
(-76°F to 356°F)
TYPICAL PROPERTIES FOR THERMALSIL
TM III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com