Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 69 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
POSISTOR
r for Circuit Protection
Inrush Current Suppression (Less than 100µF)
F±1.5
ød±0.05
D max.
T max.
(in mm)
Part Number
Max.
Voltage
(V)
Resistance
(at +25°C)
(ohm)
Max. Inrush
Current
(A)
Max. Applying
Time of Inrush
(ms)
Body
Diameter (D)
(mm)
Thickness
(T)
(mm)
Lead
Space (F)
(mm)
Lead
Diameter (phi d)
(mm)
PTGL07AS121M0N51B0
280
120 ±20%
8.46 peak
10
7.8
6.0
5.0
0.5
PTGL07AS181M0N51B0
280
180 ±20%
6.22 peak
10
7.8
6.0
5.0
0.5
PTGL07AS201M0N51B0
280
200 ±20%
5.66 peak
10
7.8
6.0
5.0
0.5
Max. inrush current shows the maximum inrush current value which be introduced into "POSISTOR" at operating temperature range.
Max. applying time of inrush shows the maximum applying time of inrush current value at operating temperature range.
Operating temperature range is -40 to +105°C.
Taping type of part numbers with "A0" is available.
R90E.pdf
Sep.24,2012
67
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
10
POSISTOR
r is one of lead type PTC Thermistor that is able
to support overcurrent or inrush current issue on the power
supply circuit.
It is able to integrated circuit for protection from inrush
current suppression with POSISTOR
r and relay or
semiconductor switch as thyristor.
c Features
1. Protection against overcurrent situations
2. Automatic reset from protective trip mode
3. Space-saving
4. Various characteristics to meet a suitable resistance
value
c Applications
POSISTOR
r is an integrated solution to work as both
current limit resistor and overcurrent fuse. It works as a
stable resistor in normal operation and products itself
against overcurrent situation.
It can be replaced from normal resistor or the resistor with
temperature fuses solution as Fig.1.
Fig.1
POSISTOR
r works as normal resistor in normal condition,
and it works as protector against over current situation on
the circuit.
1. High-power switching power supply (LCD TV)
2. The power supply for inverter on outside unit for
Air-conditioner
3. The power supply for inverter type fluorescent lamp
4. Other SW type power supply
Load
POSISTOR
r
+
-
Load
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com