Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 76 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 76 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Overheat Sensing Chip Tight Tolerance Type (Reference Data)
Continued from the preceding page.
c Resistance - Temperature Characteristics Range
Ambient Temperature (°C)
0.1
1
10
100
1000
–40
0
40
80
120
160
200
PRF15BF102RB6RC
Ambient Temperature (°C)
0.1
1
10
100
1000
–40
0
40
80
120
160
200
PRF15BG102RB6RC
Continued on the following page.
R90E.pdf
Sep.24,2012
74
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Ambient Temperature (°C)
-20
0
20
40
60
80
100
120
140
160
100000
10000
1000
100
10
1
PRF15BB103RB6RC
Ambient Temperature (°C)
1
10
100
1000
10000
100000
–20
0
20
40
60
80
100
120
140
PRF15BE103RB6RC
Ambient Temperature (°C)
1
10
100
1000
10000
100000
–20
0
20
40
60
80
100
120
140
PRF15BG103RB6RC
Temperature (°C)
–20
0
20
40
60
80
100
120
140
160
100
100000
10000
1000
PRF18BB471RB5RB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com