Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 80 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 80 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
Overheat Sensing Chip Tight Tolerance Type Specifications and Test Methods
Reference standard: IEC 60068-2-2 (2007)
· Soldered PTC to PCB (**)
· (Max. operating temp.)±2°C
· Applied max. voltage
· 1000+48/-0 hrs.
9
High Temperature Load
Reference standard: IEC 60068-2-14 (2009)
[ Test Na ]
· Soldered PTC to PCB (**)
· Transport time: <10 sec.
· Test condition: See below table
· Test cycle: 5 cycles
8
Thermal Shock
Reference standard: IEC 60068-2-67 (1995)
· Soldered PTC to PCB (**)
· +85±2°C, 85±5%RH
· 1000+48/-0 hrs
7
Damp Heat, Steady State
Reference standard: IEC 60068-2-1 (2007)
· Soldered PTC to PCB (**)
· (Min. operating temp.)±3°C
· 1000+48/-0 hrs
6
Low Temperature Storage
Reference standard: IEC 60068-2-2 (2007)
· Soldered PTC to PCB (**)
· (Max. operating temp.)±2°C
· 1000+48/-0 hrs.
5
High Temperature Storage
· Appearance: No defects or abnormalities
· Resistance (R25) change: Less than ±20% (*)
Reference standard: IEC 60068-2-58 (2004)
[ Solder bath method ]
· Solder: Sn-3.0Ag-0.5Cu
· Preheat: 150±5°C, 90 to 120s
· Solder temp.: 260±5°C
· Immersion time: 10±1s
4
Resistance to Soldering Heat
· Appearance: No defects or abnormalities
· Resistance (R25) change: Less than ±20% (*)
Reference standard: IEC 60068-2-58 (2004)
· Solder: Sn-3.0Ag-0.5Cu
· Solder temp.: 245±5°C
· Immersion time: 3±0.3s
3
Solderability
Wetting of soldering area:
U95%
Reference standard: IEC 60068-2-6 (1995)
· Soldered PTC to PCB (**)
· Frequency range: 10 to 55Hz
· Amplitude: 1.5mm
· Sweep rate: 1 octave/min.
· Direction: X-Y-Z (3 direction)
· 24 cycles in each axis
2
Vibration
±20% (*)
After applying maximum operating voltage for 3 mins. and
leaving for 2 hours in 25°C, measured by applying voltage less
than DC1.0V.
1
Resistance Value at 25°C
Within the specified range
*: The resistance value after the test. It is measured by applying voltage less than DC1.0V after left at 25±2°C for 2hrs.
**: Above mentioned soldering is done under the following conditions at our side.
· Glass-Epoxy PC board
· Standard land dimension
· Standard solder paste
· Standard solder profile
Above conditions are mentioned in Notice.
No.
Test Conditions
Creteria
Item
Condition
Step
(Min. Operating temp.)±3°C
(Max. Operating temp.)±2°C
Time
30min.
30min.
1
2
c PRF15_102R Series
R90E.pdf
Sep.24,2012
78
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com