Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 97 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 97 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 93Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
!Caution/Notice
Continued from the preceding page.
Allowable Reflow Soldering Temp. and Time
(2) Adhesive Application and Curing
(a) If insufficient adhesive is applied, or if the adhesive
is not sufficiently hardened, this product may have a
loose contact with the land, during flow soldering.
(b) Too low viscosity of adhesive causes this product to
slip on the board, after mounting.
(3) Allowable Soldering Temperature and Time
(a) Solder within the temperature and time
combinations, indicated by the slanted lines in the
following graphs.
(b) Excessive soldering conditions may cause
dissolution of metallization or deterioration of
solder-wetting on the external electrode.
(c) In the case of repeated soldering, the accumulated
soldering time should be within the range shown in
the figures below. (For example, Reflow peak
temperature: 260°C, twice –> The accumulated
soldering time at 260°C is within 30sec.)
(4) Recommendable Temperature Profile for Soldering
(a) Insufficient preheating may cause a crack on the
ceramic body. The difference between preheating
temperature and maximum temperature in the profile
should be 100°C.
(b) Rapid cooling by dipping in solvent or by other
means is not recommended.
(5) There may be a risk of unexpected failures
(tombstone, insufficient solder-wetting, etc.) in the
mounting process caused by mounting conditions.
Please make sure that this product is correctly mounted
under the specified mounting conditions.
Soldering
Gradual cooling
(in air)
Preheating (in air)
1 to 2 min.
200
100
0
250°C
Flow Soldering Conditions
* In the case of repeated soldering, the accumulated soldering
time should be within the range shown in "(3) Allowable
Soldering Temperature and Time."
*3 sec.
Preheating: 150±10°C, 1-2 minutes.
Soldering: 250°C, 3 sec.
Soldering
Gradual cooling
(in air)
Preheating (in air)
1 to 2 min.
200
100
0
250°C
Reflow Soldering Conditions
* In the case of repeated soldering, the accumulated soldering
time should be within the range shown in "(3) Allowable
Soldering Temperature and Time."
*20 sec.
Preheating: 150±10°C, 1-2 minutes.
Soldering: 250°C, 20 sec.
Time (sec.)
010
20
30
260
250
270
240
230
220
210
200
Allowable Flow Soldering Temp. and Time
280
270
260
250
240
230
220
210
0
110
90
20 30 40 50 60 70
100
80
10
Time (sec.)
R90E.pdf
Sep.24,2012
95
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com