Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRF18BE471RB5RB Datasheet(PDF) 98 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BE471RB5RB
Description  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB Datasheet(HTML) 98 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 94Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 95Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
!Caution/Notice
c Notice (Handling)
1. Do not apply an excessive force to the lead.
Otherwise, it may cause the junction between lead
and element to break, or may crack the element.
Therefore, holding the element side lead wire is
recommended when lead wire is bent or cut.
2. This product does not have waterproof construction.
Splashed water may cause failure mode such as
decline of characteristics or current leak.
3. When this product is operated, the temperature of some
areas may be over 100 to 160 degrees C. Be sure that
surrounding parts and inserting material can
withstand the temperature. If the surrounding part
and material are kept under such conditions, they
may deteriorate or produce harmful gas
(Chlorine gas, Hydrogen sulfide gas, Ammonia gas,
Sulfuric acid gas, Nitric oxide gas, etc.), and
such harmful gas may deteriorate the element.
c Notice (Handling)
1. Do not apply an excessive force to the lead.
Otherwise, it may cause the junction between lead
and element to break, or may crack the element.
Therefore, holding the element side lead wire is
recommended when lead wire is bent or cut.
2. This product does not have waterproof construction.
Splashed water may cause failure mode such as
decline of characteristics or current leak.
c Notice (Handling)
1. When this product is operated, the temperature of some
area may be over 100 to 150 degrees C. Be sure that
surrounding parts and inserting material can
withstand the temperature. If the surrounding parts
and material are kept under such conditions, they
may deteriorate or produce harmful gas
(Chlorine gas, Hydrogen sulfide gas, Ammonia gas,
Sulfuric acid gas, Nitric oxide gas, etc.), and
such harmful gas may deteriorate the element.
2. Do not assemble this product with air-sealing or resin
casting. Such sealing may deteriorate element.
PTGL Series
PTFL/PTFM Series
PRG/PRF Series
R90E.pdf
Sep.24,2012
96
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com