Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 31Page - Analog Devices AD9857/PCB Datasheet HTML 32Page - Analog Devices AD9857/PCB Datasheet HTML 33Page - Analog Devices AD9857/PCB Datasheet HTML 34Page - Analog Devices AD9857/PCB Datasheet HTML 35Page - Analog Devices AD9857/PCB Datasheet HTML 36Page - Analog Devices AD9857/PCB Datasheet HTML 37Page - Analog Devices AD9857/PCB Datasheet HTML 38Page - Analog Devices AD9857/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD9857
Rev. C| Page 35 of 40
Supply Voltage
This affects power dissipation and junction temperature
because power dissipation equals supply voltage multiplied by
supply current. It is recommended that the user design for a
3.3 V nominal supply voltage in order to manage the effect of
supply voltage on the junction temperature of the AD9857.
Clock Speed
This directly and linearly influences the total power dissipation
of the device and, therefore, junction temperature. As a rule, the
user should always select the lowest internal clock speed
possible to support a given application to minimize power
dissipation. Typically, the usable frequency output bandwidth
from a DDS is limited to 40% of the system clock rate to keep
reasonable requirements on the output low-pass filter. This
means that for the typical DDS application, the system clock
frequency should be 2.5 times the highest output frequency.
Operating Modes
The AD9857 has three operating modes that consume
significantly different amounts of power. When operating in
the quadrature modulation mode, the AD9857 dissipates about
twice the power as when operating as a single-tone DDS. When
operating as a quadrature modulator, the AD9857 has features
that facilitate power management tactics. For example, the
TxENABLE pin may be used in conjunction with the auto
power-down bit to frame bursts of data and automatically
switch the device into a low power state when there is no data to
be modulated.
Equivalent I/O Circuits
VDD
DAC OUTPUTS
IOUT IOUTB
VDD
DIGITAL
OUT
VDD
DIGITAL
IN
Figure 35. Equivalent I/O Circuits
SUPPORT
Applications assistance is available for the AD9857 and the
AD9857/PCB evaluation board. Please call 1-800-ANALOGD
or visit www.analog.com/dds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com