Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 14Page - Analog Devices AD9857/PCB Datasheet HTML 15Page - Analog Devices AD9857/PCB Datasheet HTML 16Page - Analog Devices AD9857/PCB Datasheet HTML 17Page - Analog Devices AD9857/PCB Datasheet HTML 18Page - Analog Devices AD9857/PCB Datasheet HTML 19Page - Analog Devices AD9857/PCB Datasheet HTML 20Page - Analog Devices AD9857/PCB Datasheet HTML 21Page - Analog Devices AD9857/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
AD9857
Rev. C | Page 18 of 40
SIGNAL PROCESSING PATH
To better understand the operation of the AD9857 it is helpful
to follow the signal path from input, through the device, to the
output, examining the function of each block (refer to Figure 1).
The input to the AD9857 is a 14-bit parallel data path. This
assumes that the user is supplying the data as interleaved I and
Q values. Any encoding, interpolation, and pulse shaping of the
data stream should occur before the data is presented to the
AD9857 for upsampling.
The AD9857 demultiplexes the interleaved I and Q data into
two separate data paths inside the part. This means that the
input sample rate (fDATA), the rate at which 14-bit words are
presented to the AD9857, must be 2× the internal I/Q Sample
Rate (fIQ), the rate at which the I/Q pairs are processed. In other
words, fDATA = 2 × fIQ.
From the input demultiplexer to the quadrature modulator, the
data path of the AD9857 is a dual I/Q path.
All timing within the AD9857 is provided by the internal
system clock (SYSCLK) signal. The externally provided
reference clock signal may be used as is (1×), or multiplied by
the internal clock multiplier (4×−20×) to generate the SYSCLK.
All other internal clocks and timing are derived from the
SYSCLK.
INPUT DATA ASSEMBLER
In the quadrature modulation or interpolating DAC modes, the
device accepts 14-bit, twos complement data at its parallel data
port. The timing of the data supplied to the parallel port may be
easily facilitated with the PDCLK/FUD pin of the AD9857,
which is an output in the quadrature modulation mode and the
interpolating DAC mode. In the single-tone mode, the same pin
becomes an input to the device and serves as a frequency
update (FUD) strobe.
Frequency control words are programmed into the AD9857 via
the serial port (see the Control Register description). Because
the serial port is an asynchronous interface, when programming
new frequency tuning words into the on-chip profile registers,
the AD9857’s internal frequency synthesizer must be
synchronized with external events. The purpose of the FUD
input pin is to synchronize the start of the frequency
synthesizer to the external timing requirements of the user. The
rising edge of the FUD signal causes the frequency tuning word
of the selected profile (see the Profile section) to be transferred
to the accumulator of the DDS, thus starting the frequency
synthesis process.
After loading the frequency tuning word to a profile, a FUD
signal is not needed when switching between profiles using the
two profile select pins (PS0, PS1). When switching between
profiles, the frequency tuning word in the profile register
becomes effective.
In the quadrature modulation mode, the PDCLK rate is twice
the rate of the I (or Q) data rate. The AD9857 expects
interleaved I and Q data words at the parallel port with one
word per PDCLK rising edge. One I word and one Q word
together comprise one internal sample. Each sample is
propagated along the internal data pathway in parallel.
In the interpolating DAC mode, however, the PDCLK rate is the
same as the I data rate because the Q data path is inactive. In
this mode, each PDCLK rising edge latches a data word into the
I data path.
The PDCLK is provided as a continuous clock (i.e., always
active). However, the assertion of PDCLK may be optionally
qualified internally by the PLL lock indicator if the user elects
to set the PLL lock control bit in the appropriate control register.
Data supplied by the user to the 14-bit parallel port is latched
into the device coincident with the rising edge of the PDCLK.
In the quadrature modulation mode, the rising edge of the
TxENABLE signal is used to synchronize the device. While
TxENABLE is in the Logic 0 state, the device ignores the 14-bit
data applied to the parallel port and allows the internal data
path to be flushed by forcing 0s down the I and Q data pathway.
On the rising edge of TxENABLE, the device is ready for the
first I word. The first I word is latched into the device
coincident with the rising edge of PDCLK. The next rising edge
of PDCLK latches in a Q word, etc., until TxENABLE is set to a
Logic 0 state by the user.
When in the quadrature modulation mode, it is important that
the user ensure that an even number of PDCLK intervals are
observed during any given TxENABLE period. This is because
the device must capture both an I and a Q value before the data
can be processed along the internal data pathway.
The timing relationship between TxENABLE, PDCLK, and
DATA is shown in Figure 21 and Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com