Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 5Page - Analog Devices AD9857/PCB Datasheet HTML 6Page - Analog Devices AD9857/PCB Datasheet HTML 7Page - Analog Devices AD9857/PCB Datasheet HTML 8Page - Analog Devices AD9857/PCB Datasheet HTML 9Page - Analog Devices AD9857/PCB Datasheet HTML 10Page - Analog Devices AD9857/PCB Datasheet HTML 11Page - Analog Devices AD9857/PCB Datasheet HTML 12Page - Analog Devices AD9857/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9857
Rev. C| Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80 79 78 77 76
71 70 69 68
75 74 73 72
21 22 23 24 25 26 27 28 29 30 31 32 33
1
2
3
4
5
6
7
8
9
10
11
13
12
60
59
58
57
56
55
54
53
52
51
50
49
48
NC = NO CONNECT
AD9857
TOP VIEW
(Not to Scale)
D13
D12
D11
D10
D9
D8
D7
DVDD
DVDD
DVDD
DGND
DGND
DGND
DIFFCLKEN
AGND
AVDD
NC
AGND
PLL_FILTER
AVDD
AGND
NC
NC
DAC_RSET
DAC_BP
AVDD
PIN 1
INDICATOR
14
15
16
17
18
20
19
47
46
45
44
43
42
41
D6
D5
D4
D3
D2
D1
D0
AGND
IOUT
IOUT
AGND
AVDD
AGND
NC
64 63 62 61
67 66 65
34 35 36 37 38 39 40
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin Number
Mnemonic
I/O
Function
20–14, 7–1
D0–D6, D7–
D13
I
14-Bit Parallel Data Bus for I and Q Data. The required numeric format is twos complement with D13
as the sign bit and D12–D0 as the magnitude bits. Alternating 14-bit words are demultiplexed onto
the I and Q data pathways (except when operating in the interpolating DAC mode, in which case
every word is routed onto the I data path). When the TxENABLE pin is asserted high, the next
accepted word is presumed to be I data, the next Q data, and so forth.
8–10, 31–33,
73–75
DVDD
3.3 V Digital Power pin(s).
11–13, 28–30,
70–72, 76–78
DGND
Digital Ground pin(s).
21
PS1
I
Profile Select Pin 1. The LSB of the two profile select pins. In conjunction with PS0, selects one of four
profile configurations.
22
PS0
I
Profile Select Pin 0. The MSB of the two profile select pins. In conjunction with P1, selects one of four
profile configurations.
23
CS
I
Serial Port Chip Select pin. An active low signal that allows multiple devices to operate on a single
serial bus.
24
SCLK
I
Serial Port Data Clock pin. The serial data CLOCK for the serial port.
25
SDIO
I/O
Serial Port Input/Output Data pin. Bidirectional serial DATA pin for the serial port. This pin can be
programmed to operate as a serial input only pin, via the control register bit 00h<7>. The default
state is bidirectional.
26
SDO
O
Serial Port Output Data pin. This pin serves as the serial data output pin when the SDIO pin is
configured for serial input only mode. The default state is three-state.
27
SYNCIO
I
Serial Port Synchronization pin. Synchronizes the serial port without affecting the programmable
register contents. This is an active high input that aborts the current serial communication cycle.
34, 41, 51, 52,
57
NC
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com