Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9857/PCB Datasheet HTML 1Page - Analog Devices AD9857/PCB Datasheet HTML 2Page - Analog Devices AD9857/PCB Datasheet HTML 3Page - Analog Devices AD9857/PCB Datasheet HTML 4Page - Analog Devices AD9857/PCB Datasheet HTML 5Page - Analog Devices AD9857/PCB Datasheet HTML 6Page - Analog Devices AD9857/PCB Datasheet HTML 7Page - Analog Devices AD9857/PCB Datasheet HTML 8Page - Analog Devices AD9857/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9857
Rev. C| Page 5 of 40
SPECIFICATIONS
VS = 3.3 V ± 5%, RSET = 1.96 kΩ, external reference clock frequency = 10 MHz with REFCLK multiplier enabled at 20×.
Table 1.
Parameter
Temp
Test Level
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
Full
VI
1
200
MHz
REFCLK Multiplier Enabled at 4×
Full
VI
1
50
MHz
REFCLK Multiplier Enabled at 20×
Full
VI
1
10
MHz
Input Capacitance
25°C
V
3
pF
Input Impedance
25°C
V
100
MΩ
Duty Cycle
25°C
V
50
%
Duty Cycle with REFCLK Multiplier Enabled
25°C
V
35
65
%
Differential Input (VDD/2) ±200 mV
25°C
V
1.45
1.85
V
DAC OUTPUT CHARACTERISTICS
Resolution
14
Bits
Full-Scale Output Current
5
10
20
mA
Gain Error
25°C
I
8.5
0
% FS
Output Offset
25°C
I
2
µA
Differential Nonlinearity
25°C
V
1.6
LSB
Integral Nonlinearity
25°C
V
2
LSB
Output Capacitance
25°C
V
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz AOUT
REFCLK Multiplier Enabled at 20×
25°C
V
−107
dBc/Hz
REFCLK Multiplier at 4×
25°C
V
−123
dBc/Hz
REFCLK Multiplier Disabled
25°C
V
−145
dBc/Hz
Voltage Compliance Range
25°C
I
−0.5
+1.0
V
Wideband SFDR
1 MHz to 20 MHz Analog Out
25°C
V
−75
dBc
20 MHz to 40 MHz Analog Out
25°C
V
−65
dBc
40 MHz to 60 MHz Analog Out
25°C
V
−62
dBc
60 MHz to 80 MHz Analog Out
25°C
V
−60
dBc
Narrowband SFDR
10 MHz Analog Out (±1 MHz)
25°C
V
−87
dBc
10 MHz Analog Out (±250 kHz)
25°C
V
−88
dBc
10 MHz Analog Out (±50 kHz)
25°C
V
−92
dBc
10 MHz Analog Out (±10 kHz)
25°C
V
−94
dBc
65 MHz Analog Out (±1 MHz)
25°C
V
−86
dBc
65 MHz Analog Out (±250 kHz)
25°C
V
−86
dBc
65 MHz Analog Out (±50 kHz)
25°C
V
−86
dBc
65 MHz Analog Out (±10 kHz)
25°C
V
−88
dBc
80 MHz Analog Out (±1 MHz)
25°C
V
−85
dBc
80 MHz Analog Out (±250 kHz)
25°C
V
−85
dBc
80 MHz Analog Out (±50 kHz)
25°C
V
−85
dBc
80 MHz Analog Out (±0 kHz)
25°C
V
−86
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com