Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9857/PCB
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9857/PCB Datasheet HTML 10Page - Analog Devices AD9857/PCB Datasheet HTML 11Page - Analog Devices AD9857/PCB Datasheet HTML 12Page - Analog Devices AD9857/PCB Datasheet HTML 13Page - Analog Devices AD9857/PCB Datasheet HTML 14Page - Analog Devices AD9857/PCB Datasheet HTML 15Page - Analog Devices AD9857/PCB Datasheet HTML 16Page - Analog Devices AD9857/PCB Datasheet HTML 17Page - Analog Devices AD9857/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9857
Rev. C | Page 14 of 40
OUTPUT CONSTELLATIONS
–1.3071895838
1.30718958378
CONST
200m/DIV
–1
1
Figure 13. QPSK, 65 MHz, 2.56 MS/s
CONST
200m/DIV
–1
–1.3071895838
1.30718958378
1
Figure 14. 64-QAM, 42 MHz, 6 MS/s
CONST
200m/DIV
–1
–1.3071895838
1.30718958378
1
Figure 15. GMSK Modulation, 13 MS/s
CONST
200m/DIV
–1
–1.3071895838
1.30718958378
1
Figure 16. 16-QAM, 65 MHz, 2.56 MS/s
CONST
200m/DIV
–1
–1.3071895838
1.30718958378
1
Figure 17. 256-QAM, 42 MHz, 6 MS/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com