Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ1 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9959/PCBZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9959/PCBZ1 Datasheet HTML 23Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 26Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 27Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 28Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 29Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 30Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9959
Rev. B | Page 27 of 44
FTW0
SINGLE-TONE
MODE
LINEAR SWEEP MODE ENABLE—NO-DWELL BIT SET
FTW1
AA
A
B
BB
fOUT
TIME
P0 = 1
P0 = 0
P0 = 0
P0 = 1
P0 = 1
P0 = 0
Figure 38. Linear Sweep Mode (No-Dwell Enabled)
FTW0
SINGLE-TONE
MODE
LINEAR SWEEP MODE
AT POINT A: LOAD RISING RAMP RATE REGISTER, APPLY RDW<31:0>
AT POINT B: LOAD FALLING RAMP RATE REGISTER, APPLY FDW<31:0>
P0 = 1
P0 = 0
P0 = 0
TIME
FTW1
A
B
fOUT
Figure 39. Linear Sweep Mode (No-Dwell Disabled)
SWEEP AND PHASE ACCUMULATOR CLEARING
FUNCTIONS
The AD9959 allows two different clearing functions. The first
is a continuous zeroing of the sweep logic and phase accumula-
tor (clear and hold). The second is a clear and release or automatic
zeroing function. CFR[4] is the autoclear sweep accumulator bit
and CFR[2] is the autoclear phase accumulator bit. The continuous
clear bits are located in CFR, where CFR[3] clears the sweep
accumulator and CFR[1] clears the phase accumulator.
Continuous Clear Bits
The continuous clear bits are static control signals that, when
active high, hold the respective accumulator at 0 while the bit is
active. When the bit goes low, the respective accumulator is
allowed to operate.
Clear and Release Bits
The autoclear sweep accumulator bit, when set, clears and
releases the sweep accumulator upon an I/O update or a change
in the profile input pins. The autoclear phase accumulator bit,
when set, clears and releases the phase accumulator upon an
I/O update or a change in the profile pins. The automatic
clearing function is repeated for every subsequent I/O update or
change in profile pins until the clear and release bits are reset
via the serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com