Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9959/PCBZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 Datasheet(HTML) 5 Page - Analog Devices

  AD9959/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9959
Rev. B | Page 5 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
75.1 MHz Analog Output (±50 kHz)
−85
dBc
75.1 MHz Analog Output (±250 kHz)
−83
dBc
75.1 MHz Analog Output (±1 MHz)
−82
dBc
100.3 MHz Analog Output (±10 kHz)
−87
dBc
100.3 MHz Analog Output (±50 kHz)
−85
dBc
100.3 MHz Analog Output (±250 kHz)
−83
dBc
100.3 MHz Analog Output (±1 MHz)
−81
dBc
200.3 MHz Analog Output (±10 kHz)
−87
dBc
200.3 MHz Analog Output (±50 kHz)
−85
dBc
200.3 MHz Analog Output (±250 kHz)
−83
dBc
200.3 MHz Analog Output (±1 MHz)
−81
dBc
PHASE NOISE CHARACTERISTICS
Residual Phase Noise @ 15.1 MHz (fOUT)
@ 1 kHz Offset
−150
dBc/Hz
@ 10 kHz Offset
−159
dBc/Hz
@ 100 kHz Offset
−165
dBc/Hz
@ 1 MHz Offset
−165
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
@ 1 kHz Offset
−142
dBc/Hz
@ 10 kHz Offset
−151
dBc/Hz
@ 100 kHz Offset
−160
dBc/Hz
@ 1 MHz Offset
−162
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
@ 1 kHz Offset
−135
dBc/Hz
@ 10 kHz Offset
−146
dBc/Hz
@ 100 kHz Offset
−154
dBc/Hz
@ 1 MHz Offset
−157
dBc/Hz
Residual Phase Noise @ 100.3 MHz (fOUT)
@ 1 kHz Offset
−134
dBc/Hz
@ 10 kHz Offset
−144
dBc/Hz
@ 100 kHz Offset
−152
dBc/Hz
@ 1 MHz Offset
−154
dBc/Hz
Residual Phase Noise @ 15.1 MHz (fOUT)
with REFCLK Multiplier Enabled 5×
@ 1 kHz Offset
−139
dBc/Hz
@ 10 kHz Offset
−149
dBc/Hz
@ 100 kHz Offset
−153
dBc/Hz
@ 1 MHz Offset
−148
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
with REFCLK Multiplier Enabled 5×
@ 1 kHz Offset
−130
dBc/Hz
@ 10 kHz Offset
−140
dBc/Hz
@ 100 kHz Offset
−145
dBc/Hz
@ 1 MHz Offset
−139
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
with REFCLK Multiplier Enabled 5×
@ 1 kHz Offset
−123
dBc/Hz
@ 10 kHz Offset
−134
dBc/Hz
@ 100 kHz Offset
−138
dBc/Hz
@ 1 MHz Offset
−132
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com