Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ1 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9959/PCBZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9959/PCBZ1 Datasheet HTML 18Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 19Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 20Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 21Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 22Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 23Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 24Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 25Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
AD9959
Rev. B | Page 22 of 44
In modulation mode, the amplitude frequency phase (AFP)
select bits (CFR[23:22]) and modulation level bits (FR1[9:8])
are programmed to configure the modulation type and level
(see Table 6 and Table 7). Note that the linear sweep enable bit
must be set to Logic 0 in direct modulation mode.
Table 6. Modulation Type Configuration
AFP Select
(CFR[23:22])
Linear Sweep Enable
(CFR[14])
Description
00
X
Modulation disabled
01
0
Amplitude modulation
10
0
Frequency modulation
11
0
Phase modulation
Table 7. Modulation Level Selection
Modulation Level (FR1[9:8])
Description
00
Two-level modulation
01
Four-level modulation
10
Eight-level modulation
11
16-level modulation
When modulating, the RU/RD function can be limited based
on pins available for controlling the feature. The SDIO_x pins
are for RU/RD only, not for modulation.
Table 8. RU/RD Profile Pin Assignments
Ramp-Up/Ramp-Down
(RU/RD) (FR1[11:10])
Description
00
RU/RD disabled
01
Only Profile Pin P2 and Profile Pin P3
available for RU/RD operation
10
Only Profile Pin P3 available for RU/RD
operation
11
Only SDIO_1, SDIO_2, and SDIO_3
pins available for RU/RD operation;
this forces the serial I/O to be used
only in 1-bit mode
If the profile pins are used for RU/RD, Logic 0 is for ramp-up
and Logic 1 is for ramp-down.
Because of the number of available channels and limited data
pins, it is necessary to assign the profile pins and/or SDIO_1,
SDIO_2, and SDIO_3 pins to a dedicated channel. This is con-
trolled by the profile pin configuration (PPC) bits (FR1[14:12]).
Each of the following modulation descriptions incorporates
data pin assignments.
Two-Level Modulation—No RU/RD
The modulation level bits (FR1[9:8]) are set to 00 (two-level).
The AFP select bits (CFR[23:22]) are set to the desired modulation
type. The RU/RD bits (FR1[11:10]) and the linear sweep enable
bit (CFR[14]) are disabled. Table 9 displays how the profile pins
and channels are assigned.
As shown in Table 9, only Profile Pin P0 can be used to modulate
Channel 0. If frequency modulation is selected and Profile Pin
P0 is Logic 0, Channel Frequency Tuning Word 0 (Register
0x04) is chosen; if Profile Pin P0 is Logic 1, Channel Word 1
(Register 0x0A) is chosen.
Four-Level Modulation—No RU/RD
The modulation level bits are set to 01 (four-level). The AFP
select bits (CFR[23:22]) are set to the desired modulation type.
The RU/RD bits (FR1[11:10]) and the linear sweep enable bit
(CFR[14]) are disabled. Note that the other two channels not
being used should have their AFP select bits set to 00 due to the
lack of profile pins. Table 10 displays how the profile pins and
channels are assigned to each other.
For the conditions in Table 10, the profile (channel word)
register chosen is based on the 2-bit value presented to Profile
Pins [P0:P1] or Profile Pins [P2:P3].
For example, if PPC = 010, [P0:P1] = 11, and [P2:P3] = 01, then
the contents of the Channel Word 3 register of Channel 0 are
presented to the output of Channel 0 and the contents of the
Channel Word 1 register of Channel 3 are presented to the
output of Channel 3.
Table 9. Profile Pin Channel Assignments
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
Description
XXX
CH0
CH1
CH2
CH3
Two-level modulation, all channels, no RU/RD
Table 10. Profile Pin and Channel Assignments
Profile Pin Configuration (PPC) (FR1[14:12])
P0
P1
P2
P3
Description
000
CH0
CH0
CH1
CH1
Four-level modulation on CH0 and CH1, no RU/RD
001
CH0
CH0
CH2
CH2
Four-level modulation on CH0 and CH2, no RU/RD
010
CH0
CH0
CH3
CH3
Four-level modulation on CH0 and CH3, no RU/RD
011
CH1
CH1
CH2
CH2
Four-level modulation on CH1 and CH2, no RU/RD
100
CH1
CH1
CH3
CH3
Four-level modulation on CH1 and CH3, no RU/RD
101
CH2
CH2
CH3
CH3
Four-level modulation on CH2 and CH3, no RU/RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com