Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9959/PCBZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9959/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 9Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9959
Rev. B | Page 6 of 44
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Residual Phase Noise @ 100.3 MHz (fOUT)
with REFCLK Multiplier Enabled 5×
@ 1 kHz Offset
−120
dBc/Hz
@ 10 kHz Offset
−130
dBc/Hz
@ 100 kHz Offset
−135
dBc/Hz
@ 1 MHz Offset
−129
dBc/Hz
Residual Phase Noise @ 15.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−127
dBc/Hz
@ 10 kHz Offset
−136
dBc/Hz
@ 100 kHz Offset
−139
dBc/Hz
@ 1 MHz Offset
−138
dBc/Hz
Residual Phase Noise @ 40.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−117
dBc/Hz
@ 10 kHz Offset
−128
dBc/Hz
@ 100 kHz Offset
−132
dBc/Hz
@ 1 MHz Offset
−130
dBc/Hz
Residual Phase Noise @ 75.1 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−110
dBc/Hz
@ 10 kHz Offset
−121
dBc/Hz
@ 100 kHz Offset
−125
dBc/Hz
@ 1 MHz Offset
−123
dBc/Hz
Residual Phase Noise @ 100.3 MHz (fOUT)
with REFCLK Multiplier Enabled 20×
@ 1 kHz Offset
−107
dBc/Hz
@ 10 kHz Offset
−119
dBc/Hz
@ 100 kHz Offset
−121
dBc/Hz
@ 1 MHz Offset
−119
dBc/Hz
SERIAL PORT TIMING CHARACTERISTICS
Maximum Frequency Serial Clock (SCLK)
200
MHz
Minimum SCLK Pulse Width Low (tPWL)
1.6
ns
Minimum SCLK Pulse Width High (tPWH)
2.2
ns
Minimum Data Setup Time (tDS)
2.2
ns
Minimum Data Hold Time
0
ns
Minimum CS Setup Time (tPRE)
1.0
ns
Minimum Data Valid Time for Read Operation
12
ns
MISCELLANEOUS TIMING CHARACTERISTICS
MASTER_RESET Minimum Pulse Width
1
Min pulse width = 1 sync clock period
I/O_UPDATE Minimum Pulse Width
1
Min pulse width = 1 sync clock period
Minimum Setup Time (I/O_UPDATE to SYNC_CLK)
4.8
ns
Rising edge to rising edge
Minimum Hold Time (I/O_UPDATE to SYNC_CLK)
0
ns
Rising edge to rising edge
Minimum Setup Time (Profile Inputs to SYNC_CLK)
5.4
ns
Minimum Hold Time (Profile Inputs to SYNC_CLK)
0
ns
Minimum Setup Time (SDIO Inputs to SYNC_CLK)
2.5
ns
Minimum Hold Time (SDIO Inputs to SYNC_CLK)
0
ns
Propagation Time Between REF_CLK and SYNC_CLK
2.25
3.5
5.5
ns
Profile Pin Toggle Rate
2
Sync
clocks
CMOS LOGIC INPUTS
VIH
2.0
V
VIL
0.8
V
Logic 1 Current
3
12
μA
Logic 0 Current
−12
μA
Input Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com