Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9959/PCBZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9959/PCBZ1
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959/PCBZ1 Datasheet(HTML) 1 Page - Analog Devices

  AD9959/PCBZ1 Datasheet HTML 1Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 2Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 3Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 4Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 5Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 6Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 7Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 8Page - Analog Devices AD9959/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
4-Channel, 500 MSPS DDS
with 10-Bit DACs
AD9959
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2008 Analog Devices, Inc. All rights reserved.
FEATURES
4 synchronized DDS channels @ 500 MSPS
Independent frequency/phase/amplitude control between
channels
Matched latencies for frequency/phase/amplitude changes
Excellent channel-to-channel isolation (>65 dB)
Linear frequency/phase/amplitude sweeping capability
Up to 16 levels of frequency/phase/amplitude modulation
(pin-selectable)
4 integrated 10-bit digital-to-analog converters (DACs)
Individually programmable DAC full-scale currents
0.12 Hz or better frequency tuning resolution
14-bit phase offset resolution
10-bit output amplitude scaling resolution
Serial I/O port interface (SPI) with enhanced data throughput
Software-/hardware-controlled power-down
Dual supply operation (1.8 V DDS core/3.3 V serial I/O)
Multiple device synchronization
Selectable 4× to 20× REFCLK multiplier (PLL)
Selectable REFCLK crystal oscillator
56-lead LFCSP package
APPLICATIONS
Agile local oscillators
Phased array radars/sonars
Instrumentation
Synchronized clocking
RF source for AOTF
FUNCTIONAL BLOCK DIAGRAM
(4)
500MSPS
DDS CORES
REF CLOCK
INPUT CIRCUITRY
TIMING AND
CONTROL
MODULATION
CONTROL
SYSTEM
CLOCK
SOURCE
USER INTERFACE
RECONSTRUCTED
SINE WAVE
RECONSTRUCTED
SINE WAVE
RECONSTRUCTED
SINE WAVE
RECONSTRUCTED
SINE WAVE
10-BIT DAC
10-BIT DAC
10-BIT DAC
10-BIT DAC
Figure 1.


Similar Part No. - AD9959/PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9959/PCBZ AD-AD9959/PCBZ Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results

Similar Description - AD9959/PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9958 AD-AD9958 Datasheet
1Mb / 40P
2-Channel 500 MSPS DDS with 10-Bit DACs
9/05-Revision 0
AD9959 AD-AD9959 Datasheet
246Kb / 9P
4 Channel 500MSPS DDS with 10-bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
logo
Texas Instruments
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
2-Channel, 500 MSPS DDS with 10-Bit DACs
11/2016-Rev. B to Rev. C
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
LVDS Interface, 500 MSPS DACs
8/2017-Rev. B to Rev. C
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com