Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-283136-R5 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MMA-283136-R5
Description  28-31GHz 4W MMIC Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-283136-R5 Datasheet(HTML) 1 Page - IXYS Corporation

  MMA-283136-R5 Datasheet HTML 1Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 2Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 3Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 4Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 5Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 6Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 7Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 8Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MMA-283136-R5
28-31GHz 4W MMIC Power Amplifier
Data Sheet
October, 2012
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
MMA283136 Rev 1.4 data sheet is subject to change without notice. All rights reserved © 2012
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 1 of 13
Features:
Frequency Range: 28 - 31 GHz
P1dB: +36 dBm
IM3 Level: -35 dBc @Po=26dBm/tone
Gain: 22 dB
Vdd = 5 to 6V
Idsq = 1200 to 3000mA
Input and Output Fully Matched to 50 Ω
Integrated Output Power Detector
Applications:
P2P Radio
V-sat
Military
Description:
The MMIC is a high power amplifier MMIC in a surface mount package designed for use in transmitters that
operate at frequencies between 28GHz and 31GHz. In the operational frequency band, it provides 36dBm of
output power (P-3dB) and 22dB of small-signal gain. This MMIC is also optimized for high linearity
applications. This MMIC provides IM3 level of -35dBc at Pout=26dBm/tone when biased under Vds=5V,
Idsq=3000mA.
Absolute Maximum Ratings: (Ta= 25 C)*
*Operation of this device above any one of these parameters may cause permanent damage.
SYMBOL PARAMETERS
UNITS
Min.
Max.
Vds
Drain-Source Voltage
V
6.5
Vg
Gate-Source Voltage
V
-2.1
0
Ig
First Gate Current
mA
-17
17
Pd
Power Dissipation
W
24
Pin max
RF Input Power
dBm
20
Tch
Channel Temperature
ºC
+150
Tstg
Storage Temperature
ºC
-55 to +150
Tmax
Max. Assembly Temp (20 sec max)
ºC
+250
11
1
2
3
4
5
6
10
13
12
15
14
23
22
21
20
19
18
30
31
28
29
26
27
7
8
9
16
17
24
25
32
10K
10K
1.5K
Functional Block Diagram


Similar Part No. - MMA-283136-R5

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MMA-200 MSYSTEM-MMA-200 Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
IXYS Corporation
MMA-273336 IXYS-MMA-273336 Datasheet
1Mb / 10P
27-33GHz 4W MMIC Power Amplifier
logo
List of Unclassifed Man...
MMA-273336 ETC1-MMA-273336 Datasheet
9Mb / 20P
High Performance/Quality MMIC Based on InGaP HBT, pHEMT, and Linear MESFET Technologies
More results

Similar Description - MMA-283136-R5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2877 NSC-LM2877 Datasheet
202Kb / 8P
LM2877 Dual 4W Audio Power Amplifier
logo
United Monolithic Semic...
CHA2069 UMS-CHA2069 Datasheet
167Kb / 8P
18-31GHz Low Noise Amplifier
CHA2069RAF UMS-CHA2069RAF Datasheet
171Kb / 7P
18-31GHz Low Noise Amplifier
logo
Raytheon Company
RMDA25000 RAYTHEON-RMDA25000 Datasheet
323Kb / 6P
23-28 GHz Driver Amplifier MMIC
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
13 - 15 GHz 4W Power Amplifier
logo
IXYS Corporation
MMA-273336 IXYS-MMA-273336 Datasheet
1Mb / 10P
27-33GHz 4W MMIC Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6434 AVAGO-AMGP-6434 Datasheet
357Kb / 9P
28-31 GHz 4W SMT Packaged Power Amplifier
logo
United Monolithic Semic...
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
18-31GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2594 TRIQUINT-TGA2594 Datasheet
538Kb / 12P
27-31GHz 5W GaN Power Amplifier
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
27.5 to 31GHz, 9W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com