Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-283136-R5 Datasheet(PDF) 13 Page - IXYS Corporation

Part # MMA-283136-R5
Description  28-31GHz 4W MMIC Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-283136-R5 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button MMA-283136-R5 Datasheet HTML 5Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 6Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 7Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 8Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 9Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 10Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 11Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 12Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MMA-283136-R5
28-31GHz 4W MMIC Power Amplifier
Data Sheet
October, 2012
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
MMA283136 Rev 1.4 data sheet is subject to change without notice. All rights reserved © 2012
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 13 of 13
Recommended Application Board Design:
Board Material is 10mil (Dielectric) thickness Rogers 4350B with 0.5oz cupper clads. The board material and
mounting pattern, as defined in the data sheet, optimizes RF performance and is strongly recommended. An
electronic drawing of the land pattern is available upon request from MwT Sales & Application Engineering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com