Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-283136-R5 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MMA-283136-R5
Description  28-31GHz 4W MMIC Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-283136-R5 Datasheet(HTML) 2 Page - IXYS Corporation

  MMA-283136-R5 Datasheet HTML 1Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 2Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 3Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 4Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 5Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 6Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 7Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 8Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MMA-283136-R5
28-31GHz 4W MMIC Power Amplifier
Data Sheet
October, 2012
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
MMA283136 Rev 1.4 data sheet is subject to change without notice. All rights reserved © 2012
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 2 of 13
Electrical Specifications: Vds=6V, Vgs=-0.85V, Idsq=2000mA, Ta=25 C Z0=50 ohm
Parameter
Units
Typical Data
Frequency Range
GHz
28-31
Gain (Typ / Min)
dB
22 / 20
Gain Flatness (Typ / Max)
+/-dB
2.5 / 3
Input RL(Typ/Max)
dB
10/8
Output RL(Typ/Max)
dB
10/8
Output P1dB(Typ/Min)
dBm
35/34
Output P3dB(Typ/Min)
dBm
36/35
IM3 Level (1)
dBc
-40
Thermal Resistance
⁰C/W
3.8
Operating Current at P1dB(Typ /
Max)
mA
2500 / 3000
(1) Output IP3 is measured with two tones at output power of 20 dBm/tone separated by 20 MHz
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com