Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-283136-R5 Datasheet(PDF) 8 Page - IXYS Corporation

Part # MMA-283136-R5
Description  28-31GHz 4W MMIC Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-283136-R5 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button MMA-283136-R5 Datasheet HTML 4Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 5Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 6Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 7Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 8Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 9Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 10Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 11Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 12Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MMA-283136-R5
28-31GHz 4W MMIC Power Amplifier
Data Sheet
October, 2012
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
MMA283136 Rev 1.4 data sheet is subject to change without notice. All rights reserved © 2012
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 8 of 13
Applications
The MMA283136 MMIC power amplifier is designed for use as a power stage amplifier in microwave
transmitters. It is ideally suited for 28 to 31GHz band V-sat transmitter applications requiring excellent saturated
output power and linearity performance. This amplifier is provided as a 5x5mm QFN package, and the packaged
amplifier is fully compatible with industry standard high volume surface mount PCB assembly processes.
Biasing and Operation
The recommended bias conditions for best performance for high power applications the MMA283136 are VDD =
6.0V, Idsq = 2000mA. Performance improvements are possible depending on applications. For high linearity
requirement at higher output power up to 27dBm/tone, recommended bias conditions are Vdd=5V,
Idsq=3000mA. The drain bias voltage range is 5 to 6V and the quiescent drain current biasing range is 1200mA
to 3000mA. A single DC gate supply connected to Vg will bias all the amplifier stages. Muting can be
accomplished by setting Vg to the pinch-off voltage (Vp=-1.8V). The gate voltage (Vg) should be applied prior to
the drain voltages (Vd1, Vd2, Vd3, and Vd4) during power up and removed after the drain voltages during power
down. The RF input and output ports are DC decoupled internally. Typical DC supply connection with bi-passing
capacitors for the MMA283136 is shown in following pages.
Assembly Techniques
GaAs MMICs are ESD sensitive. ESD preventive measures must be employed in all aspects of storage,
handling, and assembly. MMIC ESD precautions, handling considerations, die attach and bonding methods are
critical factors in successful GaAs MMIC performance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com