Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA-283136-R5 Datasheet(PDF) 11 Page - IXYS Corporation

Part # MMA-283136-R5
Description  28-31GHz 4W MMIC Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MMA-283136-R5 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button MMA-283136-R5 Datasheet HTML 5Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 6Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 7Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 8Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 9Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 10Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 11Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 12Page - IXYS Corporation MMA-283136-R5 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MMA-283136-R5
28-31GHz 4W MMIC Power Amplifier
Data Sheet
October, 2012
MicroWave Technology, Inc. an IXYS Company, 4268 Solar Way, Fremont, CA 94538
510-651-6700
FAX
510-651-2208 WEB www.mwtinc.com
MMA283136 Rev 1.4 data sheet is subject to change without notice. All rights reserved © 2012
Please visit MwT website www.mwtinc.com for information on other MwT MMIC products.
Page 11 of 13
Application Circuit:
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
GND
GND
GND
RF IN
RF OUT
RF Input
Vd1
Vd2
Vd4
Vg1
RF Output
0.01u
Note:
Vd4 pins is able to supply
either side.
10Ω
1uF
0.01u
10Ω
1uF
0.01u
10Ω
1uF
0.01u
10Ω
1uF
Vd3
Vd4
0.01u
10Ω
1uF
0.01u
10Ω
0.01u
10Ω
1uF
DET_O
DET_R
Note:
Vd4 pins must be biased
from both sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com