Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX915S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ALPHA-RX915S Datasheet HTML 1Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 2Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 1
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
•
FM Transmitter & Receiver Modules
•
Available as 433 or 915MHz
•
Transmit Range up to 300m
•
Miniature SMT Packages
•
Data Rate up to 256Kbps
•
Programmable Output Power
•
2.2 – 5.4Vdc Operating Voltage
•
Standby Current <300nA
•
Programmable Freq Deviation
•
SPI Interface (for Config)
•
Clock and Reset Signal for External MCU
•
Wakeup Timer
•
Automatic Antenna Tuning
•
Differential Antenna Output
•
Low Battery Detection
•
EMC Compliant , FCC Compliant
•
Operates from -45 to +85
oC
Transmitter
•
3-12 Supply Voltage
•
Programmable Output Power
Receiver
•
Standby current < 0.3uA
•
Wake up timer function
•
PLL Design
•
Analog and Digital Signal Strength indicator
•
Programmable receive bandwidth (67 to 400KHz)
Introduction
The Alpha Modules are extremely cost effective but high
performance radio modules. Supplied in a miniature Surface mount package these modules can
Transmit/Receive at upto 115Kbps at upto 300m range.
Operating at 2-5V, both transmitter and receiver monitor their battery voltage and can sleep with very low
standby current. The modules can wake intermittently and provide direct control outputs to a
microcontroller, ideally suited to battery applications. (Especially receivers!)
These Modules will suit one to one multi-node wireless links in applications including car and building
security, POS and inventory tracking, remote process monitoring.
Part Numbers
Part Number
Description
ALPHA-TX433S
FM Transmitter Module, 433MHz
ALPHA-RX433S
FM Receiver Module, 433MHz
ALPHA-TX915S
FM Transmitter Module, 915MHz
ALPHA-RX915S
FM Receiver Module, 915MHz
Applications
Wireless Security Systems
Car Alarms
Remote Gate Controls
Remote Sensing
Data Capture
Sensor Reporting


Similar Part No. - ALPHA-RX915S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALPHA-7 ETC2-ALPHA-7 Datasheet
331Kb / 3P
High grade mounting adhesive
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
Various cable and connector options
logo
rfsolutions.ltd
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
ALPHA-TRX915S RFSOLUTIONS-ALPHA-TRX915S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
More results

Similar Description - ALPHA-RX915S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
Panasonic Semiconductor
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
BLUETOOTH짰 RF MODULES
logo
rfsolutions.ltd
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
Alpha Wire
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com