Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX915S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX915S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 8
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
x3..x0: select crystal load capacitor
To integrate the load capacitor internal can not only save cost, but also adjust reference frequency by
software
ms: select modulation polarity
m2..m0: select frequency deviation
.
3
.
.
.
. Power Management Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
0
0
a1
a0
ex
es
ea
eb
et
dc
C000h
a1: Crystal oscillator and synthesizer are enabled by Data transmit Command and disable by
Sleep command.
a0: Power amplifier is enabled by Data transmit Command and disable by Sleep Command.
ex:Enable crystal oscillator
es:Enable synthesizer
ea:Enable power amplifier
eb:Enable low battery detection funciton
et:Enable wake-up timer
dc:Disable output of CLK pin
4
.
.
.
. Frequency Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
0
1
0
f11
f10
f9
f8
f7
f6
f5
f4
f3
f2
f1
f0
A7D0h
f11..f0: set operation frequency:
433band: Fc=430+F*0.0025 MHz
868band: Fc=860+F*0.0050 MHz
915band: Fc=900+F*0.0075 MHz
Fc is carrier frequency
x3
x2
x1
x0
Load capacitor [pF]
0
0
0
0
8.5
0
0
0
1
9.0
0
0
1
0
9.5
0
0
1
1
10.0
……
……
1
1
1
0
15.5
1
1
1
1
16.0
m2
m1
m0
frequency deviation[kHz]
0
0
0
30
0
0
1
60
0
1
0
90
0
1
1
120
1
0
0
150
1
0
1
180
1
1
0
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com