Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX915S Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 13Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 14Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 15Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 15
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
10
.
.
.
.
Data Rate Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
0
0
0
cs
r6
r5
r4
r3
r2
r1
r0
C823h
r7..r0: Set data rate
BR=10000000/29/:R+1:/:1+cs*7:
11
.
.
.
.
Output and FIFO mode Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
1
1
0
f3
f2
f1
f0
s1
s0
ff
fe
CE85h
f3..f0: Set FIFO interrupt level
s1..s0: select FIFO fill start condition
s1
s0
0
0
VDI
0
1
Sync-word
1
0
VDI & Sync-word
1
1
Always
ff: Enable FIFO fill
fe: Enable FIFO function
12.Reset Mode Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
1
1
0
1
0
0
0
0
0
0
0
0
dr
DAOOh
Bit 0 (dr): Disables the highly sensitive RESET mode. If this bit is cleared, a 600 mV glitch in the power supply may cause a
system reset. For a more detailed description see the Reset modes section.
13.Status Read Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
-
This command starts with a 0 and be used to read internal status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com