Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX915S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ALPHA-RX915S Datasheet HTML 1Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 2Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 5
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
Receiver Technical Specifications
Maximum Ratings (not Operating)
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Positive Supply
-0.5
6.0
V
VIN
All pin input level
-0.5
Vdd +0.5
V
IIN
Input current except power
-25
+25
mA
TST
Storage Temp
-55
125
oC
TID
Soldering Temp
260
oC
Maximum Working Range
Symbol
Parameter
Minimum
Maximum
Unit
VDD
Positive Supply
2.2
5.4
V
TOP
Operating Temp
-40
85
oC
DC Characteristics
Symbol
Parameter
Min
Typical
Max
Unit
9
11
IDD
Current Consumption @ 433
@ 915
10.5
12.5
mA
IX
Stand by Current
3.0
3.5
mA
IPD
Sleep Mode Current
0.3
uA
ILB
Low Battery Detection
0.5
uA
VLB
Low Battery Step (0.1V steps)
2.2
5.3
V
VLBA
Low Battery accuracy
75
mV
VIL
Low Level Input
0.3 x VDD
V
VIH
High Level Input
0.7 x VDD
V
IIL
Leakage Current, VIL = 0V
-1
1
uA
IIH
Leakage Current, VIH = VDD, VDD = 5.4V
-1
1
uA
VOL
Low Level output, IOL = 2mA
0.4
V
VOH
High Level output, IOH = 2mA
VDD-0.4
V
AC Characteristics
Symbol
Parameter
Min
Typical
Max
Unit
FLO
Frequency
@433MHz
@915MHz
430.24
900.72
439.75
929.27
MHz
BW
Bandwidth
1
2
3
4
5
6
60
120
180
240
300
360
67
134
200
270
350
400
75
150
225
300
375
450
KHz
TLOCK
PLL Lock time, after 10Mhz step hopping.
20
uS
TST,P
PLL Start time, after crystal stabilised
250
uS
BR
Data Rate
115.2
Kbps
PMIN
Sensitivity
@433MHz
@915MHz
-109
-105
-100
-98
dBm
RSA
RSSI Accuracy
-5
+5
dB
RSR
RSSI Range
46
dB
RSSTEP
RSSI Programmable Step
6
dB
RSARSSI
ARSSI Filter
1
nF
RSRESP
DRSSI Response Time, C
500
us
CXL
Capacitor Bank
8.5
16
pF
TPOR
PWR time, power up time (VDD to 90%)
50
100
mS
TPBT
Wake up timer period
.96
1.08
mS
TWAKEUP
Programmable Wake up time
1
5x10
11
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com