Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX915S Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 13Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 14Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 15Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 13
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
r2..r0: select DRSSI threshold
r2
r1
r0
RSSIsetth [dBm]
0
0
0
-103
0
0
1
-97
0
1
0
-91
0
1
1
-85
1
0
0
-79
1
0
1
-73
1
1
0
-67
1
0
1
-61
The actual DRSSI threshold is related to LNA setup:
RSSIth = RSSIsetth + GLNA.
en: Enable the receiver
5
.
.
.
. Wake-Up Timer Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
1
r4
r3
r2
r1
r0
m7
m6
m5
m4
m3
m2
m1
m0
E196h
The wake-up period is determined by:
Twake-up = M * 2R [ms]
For continual operation, bit ‘et’ must be cleared and set
6
.
.
.
. Low Duty-Cycle Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
1
1
0
0
d6
d5
d4
d3
d2
d1
d0
en
CCOEh
d6..d0: Set duty cycle D.C.= (D * 2 +1) / M *100%
en:Enable low duty cycle mode
7
.
.
.
. Low Battery Detector and Microcontroller Clock Divider Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
0
1
0
d2
d1
d0
t4
t3
t2
t1
t0
C200h
d2..d0: select frequency of CLK pin
d2
d1
d0
Clock frequency[MHz]
0
0
0
1
0
0
1
1.25
0
1
0
1.66
0
1
1
2
1
0
0
2.5
1
0
1
3.33
1
1
0
5
1
1
1
10
CLK signal is derive form crystal oscillator and it can be applied to MCU clock in to save a second
crystal. If not used, please set bit “dc” to disable CLK output
To integrate the load capacitor internal can not only save cost, but also adjust reference frequency
by software
t4..t0: Set threshold voltage of Low battery detector: Vlb=2.2+T*0.1 [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com