Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202TY2 Datasheet(PDF) 9 Page - Sharp Corporation

Part # S202TY2
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202TY2 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button S202TY2 Datasheet HTML 5Page - Sharp Corporation S202TY2 Datasheet HTML 6Page - Sharp Corporation S202TY2 Datasheet HTML 7Page - Sharp Corporation S202TY2 Datasheet HTML 8Page - Sharp Corporation S202TY2 Datasheet HTML 9Page - Sharp Corporation S202TY2 Datasheet HTML 10Page - Sharp Corporation S202TY2 Datasheet HTML 11Page - Sharp Corporation S202TY2 Datasheet HTML 12Page - Sharp Corporation S202TY2 Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
S102T02 Series
S202T02 Series
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
● Standard Circuit
Tr1
R1
D1
V1
+VCC
AC Line
Load
ZS
ZS : Surge absorption circuit (Snubber circuit)
SSR
S102T02
S202T02
3
4
2
1
Sheet No.: D4-A01601EN
● Degradation
In general, the emission of the IRED used in SSR will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these SSRs should provide at least
twice the minimum required triggering current from initial operation.
(a) Make sure there are no warps or bumps on the heat sink, insulation sheet and device surface.
(b) Make sure there are no metal dusts or burrs attached onto the heat sink, insulation sheet and device sur-
face.
(c) Make sure silicone grease is evenly spread out on the heat sink, insulation sheet and device surface.
Silicone grease to be used is as follows;
1) There is no aged deterioration within the operating temperature ranges.
2) Base oil of grease is hardly separated and is hardly permeated in the device.
3) Even if base oil is separated and permeated in the device, it should not degrade the function of a device.
Recommended grease : G-746 (Shin-Etsu Chemical Co., Ltd.)
: G-747 (Shin-Etsu Chemical Co., Ltd.)
: SC102 (Dow Corning Toray Silicone Co., Ltd.)
In case the optional heat sink is screwed up, please solder after screwed.
In case of the lead frame bending, please keep the following minimum distance and avoid any mechanical
stress between the base of terminals and the molding resin.
Some of AC electromagnetic counters or solenoids have built-in rectifier such as the diode.
In this case, please use the device carefully since the load current waveform becomes similar with rectangu-
lar waveform and this results may not make a device turn off.
3.8mm MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com