Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202TY2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S202TY2
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202TY2 Datasheet(HTML) 1 Page - Sharp Corporation

  S202TY2 Datasheet HTML 1Page - Sharp Corporation S202TY2 Datasheet HTML 2Page - Sharp Corporation S202TY2 Datasheet HTML 3Page - Sharp Corporation S202TY2 Datasheet HTML 4Page - Sharp Corporation S202TY2 Datasheet HTML 5Page - Sharp Corporation S202TY2 Datasheet HTML 6Page - Sharp Corporation S202TY2 Datasheet HTML 7Page - Sharp Corporation S202TY2 Datasheet HTML 8Page - Sharp Corporation S202TY2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
S102T02 Series
S202T02 Series
■ Features
IT(rms)≤2A, Zero Cross type
Low profile SIP 4pin
Triac output SSR
1. Output current, IT(rms)≤2.0A
2. Zero crossing functionary (VOX : MAX. 35V)
3. Slim 4 pin low profile SIP package
4. High repetitive peak off-state voltage
(VDRM : 600V, S202T02 Series)
(VDRM : 400V, S102T02 Series)
5. High isolation voltage between input and output
(Viso(rms) : 3.0kV)
6. Lead-free terminal components are also available
(see Model Line-up section in this datasheet)
7. Screw hole for heat sink
■ Description
S102T02 Series and S202T02 Series Solid State
Relays (SSR) are an integration of an infrared emitting
diode (IRED), a Phototriac Detector and a main output
Triac. These devices are ideally suited for controlling
high voltage AC loads with solid state reliability while
providing 3.0kV isolation (Viso(rms)) from input to out-
put.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
S102T02 Series
S202T02 Series
■ Agency approvals/Compliance
1. Isolated interface between high voltage AC devices
and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
valves.
3. Power control in applications such as lighting and
temperature control equipment.
■ Applications
1. Recognized by UL508, file No. E94758 (as models No.
S102T02/S202T02)
2. Approved by CSA 22.2 No.14, file No. LR63705 (as
models No. S102T02/S202T02)
3. Package resin : UL flammability grade (94V-0)
Sheet No.:D4-A01601EN
Date Apr. 28. 2004
© SHARP Corporation
∗Non-zero cross type is also available. (S102T01 Series/
S202T01 Series)


Similar Part No. - S202TY2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202T01 SHARP-S202T01 Datasheet
33Kb / 2P
Low Height Type Solid State Relays
S202T02 SHARP-S202T02 Datasheet
33Kb / 2P
Low Height Type Solid State Relays
S202TA1 SHARP-S202TA1 Datasheet
396Kb / 10P
SOLID STATE RELAY
More results

Similar Description - S202TY2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com