Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202TY2 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S202TY2
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202TY2 Datasheet(HTML) 2 Page - Sharp Corporation

  S202TY2 Datasheet HTML 1Page - Sharp Corporation S202TY2 Datasheet HTML 2Page - Sharp Corporation S202TY2 Datasheet HTML 3Page - Sharp Corporation S202TY2 Datasheet HTML 4Page - Sharp Corporation S202TY2 Datasheet HTML 5Page - Sharp Corporation S202TY2 Datasheet HTML 6Page - Sharp Corporation S202TY2 Datasheet HTML 7Page - Sharp Corporation S202TY2 Datasheet HTML 8Page - Sharp Corporation S202TY2 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
∗ : Do not allow external connection.
( ) : Typical dimensions
■ Internal Connection Diagram
1
1
2
3 4
2
3
4
Output (Triac T1)
Output (Triac T2)
Input (+)
Input (−)
Zero Crossing Circuit
2
■ Outline Dimensions
(Unit : mm)
S102T02
∗
~
+ −
S102T02
2A125VAC
23
±0.2
3
±0.2
0.4
±0.1
6.4
±0.2
1.6
±0.2
1.8
±0.3
φ3.7
±0.2
7
±0.2
Common to pin No.2
Common to pin No.2
UL mark
CSA mark
Epoxy resin
Date code (2 digit)
(3.8)
(5.08)
(10.16)
(2.54)
1
2
3 4
3-1.2
±0.2
3-1.4
±0.2
4-0.8
±0.2
(3.5)
(1.8)
S202T02
∗
~
+ −
S202T02
2A265VAC
23
±0.2
3
±0.2
0.4
±0.1
6.4
±0.2
1.6
±0.2
1.8
±0.3
φ3.7
±0.2
7
±0.2
Common to pin No.2
Common to pin No.2
UL mark
CSA mark
Epoxy resin
Date code (2 digit)
(3.8)
(5.08)
(10.16)
(2.54)
1
2
3 4
3-1.2
±0.2
3-1.4
±0.2
4-0.8
±0.2
(3.5)
(1.8)
S102T02 Series
S202T02 Series
Sheet No.: D4-A01601EN
Product mass : approx. 3.5g
Product mass : approx. 3.5g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com