Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202TY2 Datasheet(PDF) 6 Page - Sharp Corporation

Part # S202TY2
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202TY2 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button S202TY2 Datasheet HTML 2Page - Sharp Corporation S202TY2 Datasheet HTML 3Page - Sharp Corporation S202TY2 Datasheet HTML 4Page - Sharp Corporation S202TY2 Datasheet HTML 5Page - Sharp Corporation S202TY2 Datasheet HTML 6Page - Sharp Corporation S202TY2 Datasheet HTML 7Page - Sharp Corporation S202TY2 Datasheet HTML 8Page - Sharp Corporation S202TY2 Datasheet HTML 9Page - Sharp Corporation S202TY2 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
S102T02 Series
S202T02 Series
0
60
−25
0
25
50
75
100
125
50
40
30
20
10
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D4-A01601EN
0
3.0
2.5
2.0
1.5
1.0
0.5
−25
100
75
50
40
25
125
0
Ambient temperature Ta (˚C)
Forward voltage VF (mA)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
10
1
0.1
100
−25˚C
25˚C
0˚C
T
a
=75˚C
50˚C
Fig.3 Forward Current vs. Forward Voltage
Fig.4 Surge Current vs. Power-on Cycle
Fig.5 Minimum Trigger Current vs.
Ambient Temperature
Fig.6 Maximum ON-state Power Dissipation
vs. RMS ON-state Current
0
10
−25
0
25
50
75
100
8
6
4
2
VD
=6V
Ambient temperature Ta (˚C)
0
5
110
100
20
15
25
10
Power-on cycle (Times)
f
=60Hz
Tj
=25˚C start
0
2.5
2
0
0.5
1
1.5
Ta
=25˚C
2
1.5
1
0.5
RMS ON-state current IT (rms)(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com