Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S202TY2 Datasheet(PDF) 13 Page - Sharp Corporation

Part # S202TY2
Description  IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202TY2 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button S202TY2 Datasheet HTML 5Page - Sharp Corporation S202TY2 Datasheet HTML 6Page - Sharp Corporation S202TY2 Datasheet HTML 7Page - Sharp Corporation S202TY2 Datasheet HTML 8Page - Sharp Corporation S202TY2 Datasheet HTML 9Page - Sharp Corporation S202TY2 Datasheet HTML 10Page - Sharp Corporation S202TY2 Datasheet HTML 11Page - Sharp Corporation S202TY2 Datasheet HTML 12Page - Sharp Corporation S202TY2 Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
· The circuit application examples in this publication are
provided to explain representative applications of
SHARP devices and are not intended to guarantee any
circuit design or license any intellectual property rights.
SHARP takes no responsibility for any problems rela-
ted to any intellectual property right of a third party re-
sulting from the use of SHARP's devices.
· Contact SHARP in order to obtain the latest device
specification sheets before using any SHARP device.
SHARP reserves the right to make changes in the spec-
ifications, characteristics, data, materials, structure,
and other contents described herein at any time without
notice in order to improve design or reliability. Manufac-
turing locations are also subject to change without no-
tice.
· Observe the following points when using any devices
in this publication. SHARP takes no responsibility for
damage caused by improper use of the devices which
does not meet the conditions and absolute maximum
ratings to be used specified in the relevant specification
sheet nor meet the following conditions:
(i) The devices in this publication are designed for use
in general electronic equipment designs such as:
--- Personal computers
--- Office automation equipment
--- Telecommunication equipment [terminal]
--- Test and measurement equipment
--- Industrial control
--- Audio visual equipment
--- Consumer electronics
(ii) Measures such as fail-safe function and redundant
design should be taken to ensure reliability and safety
when SHARP devices are used for or in connection
with equipment that requires higher reliability such as:
--- Transportation control and safety equipment (i.e.,
aircraft, trains, automobiles, etc.)
--- Traffic signals
--- Gas leakage sensor breakers
--- Alarm equipment
--- Various safety devices, etc.
(iii) SHARP devices shall not be used for or in connec-
tion with equipment that requires an extremely high lev-
el of reliability and safety such as:
--- Space applications
--- Telecommunication equipment [trunk lines]
--- Nuclear power control equipment
--- Medical and other life support equipment (e.g.,
scuba).
· If the SHARP devices listed in this publication fall with-
in the scope of strategic products described in the For-
eign Exchange and Foreign Trade Law of Japan, it is
necessary to obtain approval to export such SHARP de-
vices.
· This publication is the proprietary product of SHARP
and is copyrighted, with all rights reserved. Under the
copyright laws, no part of this publication may be repro-
duced or transmitted in any form or by any means, elec-
tronic or mechanical, for any purpose, in whole or in
part, without the express written permission of SHARP.
Express written permission is also required before any
use of this publication may be made by a third party.
· Contact and consult with a SHARP representative if
there are any questions about the contents of this pub-
lication.
13
■ Important Notices
S102T02 Series
S202T02 Series
Sheet No.: D4-A01601EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com