Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5027 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST5027
Description  Power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5027 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST5027 Datasheet HTML 2Page - STMicroelectronics ST5027 Datasheet HTML 3Page - STMicroelectronics ST5027 Datasheet HTML 4Page - STMicroelectronics ST5027 Datasheet HTML 5Page - STMicroelectronics ST5027 Datasheet HTML 6Page - STMicroelectronics ST5027 Datasheet HTML 7Page - STMicroelectronics ST5027 Datasheet HTML 8Page - STMicroelectronics ST5027 Datasheet HTML 9Page - STMicroelectronics ST5027 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SOT-32/TO-126
Device Type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
2SD882
2SB772
30
60
3
12.5
100
300
0.1
2
0.4
1
50
Gen. purp.
BD434
22
22
4
36
50
2
1
0.5
2
200
Gen. purp.
MJE210
25
40
5
15
45
180
2
1
1.8
5
1000
Gen. purp.
BD435
BD436
32
32
4
36
50
2
1
0.5
2
200
Gen. purp.
MJE521
40
40
4
40
40
1
1
Gen. purp.
BD135
BD136
45
45
1.5
12.5
40
250
0.15
2
0.5
0.5
50
Gen. purp.
BD135-16
BD136-16
45
45
1.5
12.5
100
250
0.15
2
0.5
0.5
50
Gen. purp.
BD437
BD438
45
45
4
36
40
2
1
0.6
2
200
Gen. purp.
BD138
60
60
1.5
12.5
40
250
0.15
2
0.5
0.5
50
Gen. purp.
BD235
BD236
60
60
2
25
25
1
2
0.6
1
100
Gen. purp.
BD439
BD440
60
60
4
36
25
2
1
0.8
2
200
Gen. purp.
2N5191
60
60
4
40
25
100
1.5
2
1.4
4
1000
Gen. purp.
BD677
BD678
60
60
4
40
750
1.5
3
2.5
1.5
30
Gen. purp.
BD677A
BD678A
60
60
4
40
750
2
3
2.8
2
40
Gen. purp.
BD139
BD140
80
80
1.5
12.5
40
250
0.15
2
0.5
0.5
50
Gen. purp.
BD139-10
BD140-10
80
80
1.5
12.5
63
160
0.15
2
0.5
0.5
50
Gen. purp.
BD139-16
BD140-16
80
80
1.5
12.5
100
250
0.15
2
0.5
0.5
50
Gen. purp.
BD179
80
80
3
30
40
0.15
2
0.8
1
100
Gen. purp.
BD441
BD442
80
80
4
36
15
2
1
0.8
2
200
Gen. purp.
2N5192
2N5195
80
80
4
40
20
80
1.5
2
1.4
4
1000
Gen. purp.
2N6039
2N6036
80
80
4
40
750
15000
2
3
2
2
8
Gen. purp.
BD679
BD680
80
80
4
40
750
1.5
3
2.5
1.5
30
Gen. purp.
BD679A
BD680A
80
80
4
40
750
2
3
2.8
2
40
Gen. purp.
MJE802
80
80
4
40
750
1.5
3
3
4
40
Gen. purp.
BD237
BD238
80
100
2
25
25
1
2
0.6
1
100
Gen. purp.
MJE182
MJE172
80
100
3
12.5
12
1.5
1
0.9
1.5
150
Gen. purp.
BD681
BD682
100
100
4
40
750
1.5
3
2.5
1.5
30
Gen. purp.
BULT116D
200
400
5
45
8
20
5
5
1.2
5
1000
Lighting/SMPS
MJE3440
250
350
0.3
15
50
200
0.02
10
0.5
0.05
4
Switching
MJE340
MJE350
300
300
0.5
20
30
240
0.05
10
Switching
2N5657
350
375
0.5
20
30
250
0.1
10
2.5
0.25
25
Switching
ST600K
ST631K
120
120
1
12.5
50
0.5
5
0.5
0.5
50
Gen. Purp.
ST93003
400
500
1.5
40
16
32
0.35
5
0.5
0.35
50
Lighting
ST13003
400
700
1.5
40
5
25
1
2
1
1
250
Lighting/SMPS
ST83003
400
700
1.5
40
16
32
0.35
5
1
0.35
50
Lighting/SMPS
BULT118
400
700
2
45
8
2
5
1.5
2
400
Lighting/SMPS
BUX87
450
1000
0.5
40
12
0.04
5
1
0.2
20
SMPS
ST preferred products in bold
Blue shaded areas indicate darlingtons
BU941ZPFI
350
350
15
65
300
5
10
1.8
10
250
Electr. ignition
ST1802FX*
600
1500
10
60
4
9
5
5
1.5
4
1200
CTVs/SMPS
MD1803DFX*
700
1500
10
57
5
8
5
5
5
5
1250
CTVs
ST2001FX*
600
1500
10
63
5
9
6
5
1.5
5
1250
CTVs/monitors
ST2009DHI
600
1500
10
55
5
9
5.5
5
1.5
5
1250
CTVs
ST2310DHI
600
1500
12
55
5.5
8.5
7
5
3
7
1750
CTVs
MD2310FX*
700
1500
14
62
5.5
8.5
7
5
3
7
1750
CTVs/monitors
ST2310DHI
600
1500
12
55
5.5
8.5
7
5
3
7
1750
CTVs
ST2408HI
600
1500
12
55
6
9
8
5
1.5
8
2000
CTVs/monitors
BU812DFI
700
1200
8
50
60
230
5
5
1.6
5
500
CTVs
BU808DFI
700
1400
8
52
60
270
5
5
1.6
5
500
CTVs
ST2111FX*
700
1500
12
65
4.5
9
8
5
3
8
2000
SMPS
HD1520FX*
700
1500
15
64
5.5
9.5
9
5
3
9
1800
CTVs/monitors
HD1530FX*
700
1500
26
70
5.5
9
13
5
2
13
3250
CTVs/monitors
ST2317DFX*
600
1700
12
70
6
10
6
5
5
6
1200
CTVs
HD1750FX*
800
1700
24
75
5.5
9.5
12
5
3
12
3000
CTVs/monitors
ISOWATT218
/ISOWATT218FX
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
UL compliant
*ISOWATT218FX
ST preferred products in bold
Blue shaded areas indicate darlingtons



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com