Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5027 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST5027
Description  Power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5027 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST5027 Datasheet HTML 2Page - STMicroelectronics ST5027 Datasheet HTML 3Page - STMicroelectronics ST5027 Datasheet HTML 4Page - STMicroelectronics ST5027 Datasheet HTML 5Page - STMicroelectronics ST5027 Datasheet HTML 6Page - STMicroelectronics ST5027 Datasheet HTML 7Page - STMicroelectronics ST5027 Datasheet HTML 8Page - STMicroelectronics ST5027 Datasheet HTML 9Page - STMicroelectronics ST5027 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TO-3
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
2N3771
40
50
30
150
15
60
15
4
2
15
1500
Gen. purp.
2N3772
60
80
20
150
15
60
10
4
1.4
10
1000
Gen. purp.
2N3055
MJ2955
60
100
15
115
20
70
4
4
1.1
4
400
Gen. purp.
MJ3001
MJ2501
80
80
10
150
1000
5
3
2
5
20
Gen. purp.
2N5886
2N5884
80
80
25
200
20
100
10
4
1
15
1500
Gen. purp.
MJ802
90
100
30
200
25
100
7.5
2
0.8
7.5
750
Gen. purp.
2N6059
100
100
12
150
750
6
3
3
12
120
Gen. purp.
MJ4035
MJ4032
100
100
16
150
1000
10
3
4
16
80
Gen. purp.
2N6284
2N6287
100
100
20
160
750
18000
10
3
3
20
200
Gen. purp.
FW26025A1
100
100
20
160
750
18000
10
3
2
10
40
Linear/Switching
BUX10
125
160
25
150
20
60
10
2
1.2
20
2000
Gen. purp.
BUV20
125
160
50
250
20
60
25
2
1.2
50
5000
Gen. purp.
BUT90
125
200
50
250
0.9
70
7000
Switching
BUT100
125
200
50
300
0.9
100
10000
Switching
BUV61
200
300
50
250
1.2
40
5000
Switching
BUR51
200
300
60
350
15
50
4
1
30
2000
Switching
BUX22
250
300
40
350
20
60
10
4
1.5
20
2500
Switching
BUT92
250
350
50
250
1.2
35
3500
Switching
BUR52
250
350
60
350
15
40
4
1
25
2000
Switching
BU931
400
500
15
175
300
5
10
1.8
8
100
Electr. ignition
BU941
400
500
15
180
300
5
10
1.8
10
250
Electr. ignition
2N6547
400
850
15
175
6
10
2
1.5
10
2000
SMPS/industr.
BUX48
400
850
15
175
1.5
10
2000
SMPS/industr.
BUX98
400
850
30
250
1.5
20
4000
SMPS/industr.
BUY69A
400
1000
10
100
15
2.5
10
3.3
8
2500
SMPS/industr.
BUF420M
450
850
30
200
0.5#
20
2000
SMPS/industr.
BUX348
450
850
45
300
0.9
30
6000
SMPS/industr.
BUX48A
450
1000
15
175
1.5
10
2000
SMPS/industr.
BUX98A
450
1000
30
250
1.5
16
3200
SMPS/industr.
BUX48C
700
1200
15
175
1.5
6
1500
SMPS/industr.
BUX98C
700
1200
30
250
1.5
12
3000
SMPS/industr.
BU208A
700
1500
8
150
1
4.5
2000
CTVs
#
Typical
ST preferred products in bold
Blue shaded areas indicate darlingtons
TO-220FP
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
2SD2012
60
60
3
25
100
320
0.5
5
1
2
200
Gen. purp.
BDX53BFP
80
80
8
29
750
3
3
2
3
12
Gen. purp.
BD241BFP
BD242BFP
80
90
3
24
25
1
4
1.2
3
600
Gen. purp.
TIP122FP
TIP127FP
100
100
5
29
1000
3
3
2
3
12
Gen. purp.
BDW93CFP
BDW94CFP
100
100
12
33
750
5
3
2
5
20
Gen. purp.
ST901TFP
350
500
4
35
1500
2
2
2
2
20
Ignition
BUL128FP
400
700
4
31
15
1
5
1.5
2.5
500
Lighting/SMPS
BUL903EDFP
400
900
5
70
25
50
0.5
5
1.2
2
400
Lighting
BUL1102EFP
450
1100
4
30
10
20
2
5
1.5
2
400
Lighting
BUL310FP
500
1000
5
36
10#
3
2.5
1.1
3
600
Lighting
BUL312FP
500
1150
5
36
8
16
3
2.5
1.1
3
600
CTVs
ST8812FP
600
1150
7
36
4.5
9
5
5
1.5
4
1200
SMPS
ULcompliant#TypicalSTpreferredproductsinboldBlueshadedareasindicatedarlingtons
TO-220FH
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
UL compliant
#
Typical
ST preferred products in bold
Blue shaded areas indicate darlingtons
ST1802FH
600
1500
10
40
4
9
5
5
1.5
4
1200
CTVs / SMPS
MD1803DFH
700
1500
10
40
5
8
5
5
5
5
1250
CTVs
BU812DFH
700
1200
8
40
60
230
5
5
1.6
5
500
CTVs
BU808DFH
700
1400
8
42
60
270
5
5
1.6
5
500
CTVs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com