Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5027 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST5027
Description  Power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5027 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST5027 Datasheet HTML 2Page - STMicroelectronics ST5027 Datasheet HTML 3Page - STMicroelectronics ST5027 Datasheet HTML 4Page - STMicroelectronics ST5027 Datasheet HTML 5Page - STMicroelectronics ST5027 Datasheet HTML 6Page - STMicroelectronics ST5027 Datasheet HTML 7Page - STMicroelectronics ST5027 Datasheet HTML 8Page - STMicroelectronics ST5027 Datasheet HTML 9Page - STMicroelectronics ST5027 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TO-220/D2PAK
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
ST13005
400
700
4
75
8
40
2
5
1
4
1000
Lighting/SMPS
STB13005-1**
400
700
4
75
8
40
2
5
1
4
1000
Lighting/SMPS
ST13007
400
700
8
80
5
30
5
5
2
5
1000
Lighting/SMPS
ST13007D
400
700
8
80
8
25
5
5
1.5
5
1000
Lighting/SMPS
BUL654
400
700
12
80
4
12
5
0.7
7
1400
Lighting/SMPS
MJE13009
400
700
12
100
6
30
8
5
1.5
8
1600
Switching
BUL381D
400
800
5
70
8
2
5
1.1
3
750
Lighting/SMPS
BUL138
400
800
5
80
8
40
2
5
1
4
1000
Lighting/SMPS
BUV46
400
850
5
70
1.5
2.5
500
Switching
MJE13007A
400
850
8
80
6
30
5
5
1.5
5
1000
Switching
BUL59
400
850
8
90
6
30
5
5
1.5
5
1000
Lighting/SMPS
BUL89
400
850
12
110
10
40
5
5
1.5
8
1600
Lighting/SMPS
BUL903ED
400
900
5
70
20
0.5
3
1.2
2
400
Lighting
BUL742A
400
950
4
70
16
40
0.8
3
1.5
3.5
1000
Lighting/SMPS
BUL742C
400
1050
4
70
25
50
0.8
3
1.5
3.5
1000
Lighting/SMPS
BUL38D
450
800
5
80
8
2
5
1.1
3
750
Lighting/SMPS
BUL58D
450
800
8
85
5
5
5
1.5
4
800
Lighting/SMPS
BUL39D
450
850
4
70
4
5
10
1.1
2.5
500
Lighting/SMPS
BULB39DT4*
450
850
4
70
4
5
10
1.1
2.5
500
Lighting/SMPS
BUL49D
450
850
5
80
4
10
7
10
1.2
4
800
Lighting/SMPS
BULB49DT4*
450
850
5
80
4
10
7
10
1.2
4
800
Lighting/SMPS
BUT11A
450
1000
5
83
1.5
2.5
500
SMPS
BUL510
450
1000
10
100
15
45
1
5
1.5
5
1250
Lighting/SMPS
BUL1101E
450
1100
3
70
6
15
2
5
1
1
200
Lighting
BUL1102E
450
1100
4
70
10
20
2
5
1.5
2
400
Lighting
BUL310
500
1000
5
75
10#
3
2.5
1.1
3
600
Lighting/SMPS
BUL1203E
550
1200
5
100
9
28
2
5
1.5
3
1000
Lighting
BUL213
600
1300
3
60
16
36
0.35
3
0.9
1
200
Lighting/SMPS
BUL1403ED
650
1400
3
80
15
0.4
3
2.5
0.5
50
Lighting
BUL1603ED
650
1600
3
80
15
40
0.4
3
1.5
1
250
Lighting
BU505
700
1500
2.5
75
5
2
900
CTVs/lighting
BUL216
800
1600
4
90
12
40
0.4
5
1
1
200
Lighting/SMPS
BUL416
800
1600
6
110
12
40
0.7
5
1.5
2
400
Lighting/SMPS
BUH2M20AP
1200
2000
0.03
40
10
0.01
10
5
0.002
0.4
CTVs
ST13009
400
700
12
100
15
28
5
5
0.85
4
0.8
Switching
BUL3P5
-400
-500
-3
60
4
-2
-5
-0.5
-1
-0.2
Lighting
BUL3N7
400
700
3
60
4
2
5
0.5
1
0.2
Lighting
BUL804
450
800
4
70
10
20
2
5
1.2
2.5
0.5
Lighting
#
Typical
bigger * = D2PAK package in tape & reel (suffix “T4”)
** = I2PAK package in tubes (suffix “-1”)
ST preferred products in bold
Blue shaded areas indicate darlingtons
ISOTOP
Device type
VCEO
[V]
VCBO
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
hFE @ IC VCE
VCE(sat) @ IC IB
Application
NPN
PNP
Min
Max
[A]
[V]
[V]
[A]
[mA]
ESM2012DV
120
150
120
175
1200#
100
5
1.5
70
0.25
Industrial
BUT30V
125
200
100
250
27#
100
5
1.5
100
10
Industrial
ESM2030DV
300
400
67
150
300#
56
5
1.8
40
0.4
Industrial
BUT32V
300
400
80
250
16#
40
5
0.9
40
4
Industrial
ESM3030DV
300
400
100
225
300#
85
5
2.2
85
2.4
Industrial
BUT232V
300
400
140
300
17#
70
5
1.9
70
7
Industrial
ESM3045DV
450
600
24
125
120#
20
5
2
20
1.2
Industrial
ESM4045DV
450
600
42
150
220#
35
5
2
35
2
Industrial
ESM5045DV
450
600
60
175
150#
50
5
2
50
2.8
Industrial
ESM6045DV
450
600
84
250
120#
70
5
2
70
4
Industrial
BUV298V
450
850
60
250
12#
32
5
2
32
6.4
Industrial
BUV98AV
450
1000
30
150
9#
24
5
1.5
16
3.2
Industrial
BUV98V
450
1000
30
150
9#
24
5
1.5
20
4
Industrial
BUV298AV
450
1000
50
250
12#
32
5
1.2
32
6.4
Industrial
ESM6045AV
450
1000
72
250
150#
60
5
2
60
2.4
Industrial
BUF460AV
450
1000
80
270
15#
60
5
2
60
12
Industrial
UL compliant
#
Typical
= 100°C ST preferred products in bold
Blue shaded areas indicate darlingtons



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com