Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5027 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST5027
Description  Power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5027 Datasheet(HTML) 3 Page - STMicroelectronics

  ST5027 Datasheet HTML 1Page - STMicroelectronics ST5027 Datasheet HTML 2Page - STMicroelectronics ST5027 Datasheet HTML 3Page - STMicroelectronics ST5027 Datasheet HTML 4Page - STMicroelectronics ST5027 Datasheet HTML 5Page - STMicroelectronics ST5027 Datasheet HTML 6Page - STMicroelectronics ST5027 Datasheet HTML 7Page - STMicroelectronics ST5027 Datasheet HTML 8Page - STMicroelectronics ST5027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Horizontal deflection transistors for conventional TVs (16kHz)
Part number
VCBO
[V]
VCEO
[V]
IC
[A]
Ptot
[W]
Package
Target use
BUL312FP
1150
500
5
36
TO-220FP
Up to 21-inches
ST1802FH
1500
600
10
40
TO-220FH
Up to 21-inches
ST1802FX
1500
600
10
60
ISOWATT218FX
Up to 29-inches
ST2009DHI
1500
600
10
55
ISOWATT218
Up to 29-inches
ST2001FX
1500
600
10
63
ISOWATT218FX
Up to 29-inches
ST2310DHI
1500
600
12
55
ISOWATT218
Large and real flat
MD1803DFH*
1500
700
10
40
TO-220FH
Up to 21-inches
MD1803DFX*
1500
700
10
57
ISOWATT218FX
Up to 29-inches
MD2310FX*
1500
700
14
62
ISOWATT218FX
Large and real flat
ST2317DFX
1700
600
12
70
ISOWATT218FX
Large and real flat
* Pre-production
The suffix Dxx indicates built-in free-wheeling diode
ST preferred products in bold
Blue shaded areas indicate darlingtons
Horizontal deflection transistors for high-definition TVs ( 32kHz)
Part number
VCBO
[V]
VCEO
[V]
IC
[A]
Ptot
[W]
Package
Target use
HD1520FX
1500
700
15
64
ISOWATT218FX
High-definition/super-slim crt
HD1530FX*
1500
700
26
70
ISOWATT218FX
High-definition/super-slim crt
HD1530JL*
1500
700
26
200
TO-264
High-definition/super-slim crt
HD1750FX
1700
800
24
75
ISOWATT218FX
High-definition/super-slim crt
HD1750JL
1700
800
24
200
TO-264
High-definition/super-slim crt
BUH2M20AP
2000
1200
0.03
40
TO-220
Dynamic focus
* Pre-production
ST preferred products in bold
Horizontal deflection transistors for monitors
Part number
VCBO
[V]
VCEO
[V]
IC
[A]
Ptot
[W]
Package
Target use
ST2001FX
1500
600
10
63
ISOWATT218FX
15-inches
ST2310FX
1500
600
12
65
ISOWATT218FX
17-inches / 70 kHz
HD1520FX
1500
700
15
64
ISOWATT218FX
17-inches / 95 kHz
HD1530FX*
1500
700
26
70
ISOWATT218FX
19-inches
HD1530JL*
1500
700
26
200
TO-264
21-inches
HD1750FX
1700
800
24
75
ISOWATT218FX
19-inches
HD1750JL
1700
800
24
200
TO-264
21-inches
High-voltage transistors for SMPS in TV chassis
Part number
VCBO
[V]
VCEO
[V]
IC
[A]
Ptot
[W]
Package
Target use
ST8812FP
1150
600
7
36
TO-220FP
Up to 21-inches
ST1802FH
1500
600
10
40
TO-220FH
Up to 21-inches
ST1802FX
1500
600
10
60
ISOWATT218FX
Up to 21-inches
ST2111FX
1500
700
12
65
ISOWATT218FX
Up to 29-inches
Dynamic focus
Part number
VCBO
[V]
VCEO
[V]
IC
[A]
Ptot
[W]
Package
Target use
BUH2M20AP
2000
1200
0.03
40
TO-220
Dynamic focus
* Pre-production
ST preferred products in bold
ST preferred products in bold
ST preferred products in bold



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com