Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5027 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST5027
Description  Power bipolar transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5027 Datasheet(HTML) 2 Page - STMicroelectronics

  ST5027 Datasheet HTML 1Page - STMicroelectronics ST5027 Datasheet HTML 2Page - STMicroelectronics ST5027 Datasheet HTML 3Page - STMicroelectronics ST5027 Datasheet HTML 4Page - STMicroelectronics ST5027 Datasheet HTML 5Page - STMicroelectronics ST5027 Datasheet HTML 6Page - STMicroelectronics ST5027 Datasheet HTML 7Page - STMicroelectronics ST5027 Datasheet HTML 8Page - STMicroelectronics ST5027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electronic light ballast design-in guidelines
Part number
VCEO
[V]
VCES
VCEV
[V]
IC
[A]
Ptot
[W]
Package
Compact
fluorescent
lamps
Halogen
lamps
transformer
Industrial lamp ballasts
Push pull
Half bridge
Voltage feed
Current feed
STX93003
-400 -500
-1
1.5
TO-92
Up to 9W/15W
STL71
400
700
0.6
0.95
TO-92
Up to 9W/11W
STL72
400
700
1
1
TO-92
Up to 11W/15W
STL73
400
700
1.5
1.1
TO-92
Up to 13W/18W
STX13003
400
700
1
1.5
TO-92
Up to 13W/18W
STX83003
400
700
1
1.5
TO-92
Up to 9W/15W
STX13005
400
700
3
2.8
TO-92
Up to 15W/20W
BULT116D
200
400
5
45
SOT-32
Up to 23W
ST93003
-400 -500
-1.5
40
SOT-32
Up to 13W/20W
ST13003
400
700
1.5
40
SOT-32
Up to 13W/20W
ST83003
400
700
1.5
40
SOT-32
Up to 13W/20W
BULT118
400
700
2
45
SOT-32
Up to 23W
Up to 28W
BULK128D-B
400
700
4
55
SOT-82
Up to 27W
Up to 40W/58W
STD13003-1
400
700
1.5
20
IPAK
Up to 13W/18W
BULD118D-1
400
700
2
20
IPAK
Up to 20W
Up to 20W
STB13005-1
400
700
4
75
I2PAK
Up to 40W/72W
BULB39DT4
450
850
4
70
D2PAK
Up to 50W
BULB49DT4
450
850
5
80
D2PAK
Up to 75W
BUL116D
200
400
5
60
TO-220
Up to 27W
BUL85D
250
500
8
80
TO-220
Up to 100W
BUL118
400
700
3
60
TO-220
Up to 27W
Up to 28W/40W
BUL128
400
700
4
70
TO-220
Up to 32W
Up to 40W/72W
BUL128D-B
400
700
4
70
TO-220
Up to 27W
Up to 40W/72W
ST13005
400
700
4
75
TO-220
Up to 27W
Up to 40W/72W
ST13007
400
700
8
80
TO-220
Up to 120W
ST13007D
400
700
8
80
TO-220
Up to 120W
BUL654
400
700
12
80
TO-220
Up to 250W
ST13009
400
700
12
100
TO-220
Up to 250W
BUL138
400
800
5
80
TO-220
Up to 80W/120W
Up to 4 x 32W
BUL59
400
850
8
90
TO-220
Up to 105W
BUL903ED*
400
900
5
70
TO-220
Up to 4 x 32W
BUL742A
400
950
4
70
TO-220
Up to 4 x 32W
Up to 4 x 32W
BUL742C
400
1050
4
70
TO-220
Up to 4 x 32W
Up to 4 x 32W
BUL38D
450
800
5
80
TO-220
Up to 75W
BUL58D
450
800
8
85
TO-220
Up to 105W
BUL98
450
800
12
110
TO-220
Up to 250W
BUL39D
450
850
4
70
TO-220
Up to 50W
BUL49D
450
850
5
80
TO-220
Up to 75W
BUL510
450
1000
10
100
TO-220
Up to 150W
BUL1101E
450
1100
3
35
TO-220
Up to 2 x 32W
Up to 2 x 32W
BUL1102E
450
1100
4
70
TO-220
Up to 3 x 32W
Up to 4 x 32W
BUL303
550
1100
5
100
TO-220
Up to 4x32W
Up to 4x32W
BUL1203E
550
1200
5
100
TO-220
Up to 4 x 32W
Up to 4 x 32W
BUL213
600
1300
3
60
TO-220
Up to 4 x 32W
Up to 4 x 32W
BUL1403ED
650
1400
3
80
TO-220
Up to 4 x 32W
BUL7216
700
1600
3
80
TO-220
Up to 4x32W
Up to 4 x 32W
ST5027
800
1200
3
90
TO-220
Up to 1x36W
BUL216
800
1600
4
90
TO-220
Up to 4 x 32W
BUL416
800
1600
6
110
TO-220
Up to 6 x 32W
BUL810
450
1000
15
125
TO-218
Up to 300W
BUL3P5
400
500
3
60
TO-220
Up to 30W
Up to 1 x 58W
BUL3N7
400
700
3
60
TO-220
Up to 30W
Up to 1 x 58W
BUL804v
450
800
4
70
TO-220
Up to 1 x 40W
Typical application (220V mains unless otherwise specified)
* Integrated antisaturation and protection network
According to tube impedance
120V AC mains
277V AC mains
340V AC mains
v
As PFC 220V AC mains
Suffix D = Integrated free-wheeling diode
ST preferred products in bold
Devices in green to be used in pairs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com