Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 18 Page - Power Analog Micoelectronics

Part # TOP232G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232G Datasheet(HTML) 18 Page - Power Analog Micoelectronics

Back Button TOP232G Datasheet HTML 14Page - Power Analog Micoelectronics TOP232G Datasheet HTML 15Page - Power Analog Micoelectronics TOP232G Datasheet HTML 16Page - Power Analog Micoelectronics TOP232G Datasheet HTML 17Page - Power Analog Micoelectronics TOP232G Datasheet HTML 18Page - Power Analog Micoelectronics TOP232G Datasheet HTML 19Page - Power Analog Micoelectronics TOP232G Datasheet HTML 20Page - Power Analog Micoelectronics TOP232G Datasheet HTML 21Page - Power Analog Micoelectronics TOP232G Datasheet HTML 22Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TOP232-234
18
B
7/01
In addition to using a minimum number of components,
TOPSwitch-FX provides many technical advantages in this
type of application:
1. Extremely low power consumption in the off mode: 80 mW
typical at 110 VAC and 160 mW typical at 230 VAC. This
is because in the remote/off mode the TOPSwitch-FX
consumes very little power, and the external circuitry does
not consume any current (M pin is open) from the high
voltage DC input.
2. A very low cost, low voltage/current, momentary contact
switch can be used.
3. No debouncing circuitry for the momentary switch is required.
During turn-on, the start-up time of the power supply
(typically 10 to 20 ms) plus the microprocessor initiation
time act as a debouncing filter, allowing a turn-on only if the
switch is depressed firmly for at least the above delay time.
During turn-off, the microprocessor initiates the shutdown
sequence when it detects the first closure of the switch, and
subsequent bouncing of the switch has no effect. If necessary,
the microprocessor could implement the switch debouncing
in software during turn-off, or a filter capacitor can be used
at the switch status input.
4. No external current limiting circuitry is needed for the
operation of the U4 optocoupler output due to internal
limiting of M pin current.
5. No high voltage resistors to the input DC voltage rail are
required to power the external circuitry in the primary. Even
the LED current for U3 can be derived from the CONTROL
pin. This not only saves components and simplifies layout,
but also eliminates the power loss associated with the high
voltage resistors in both on and off states.
6. Robust design: There is no on/off latch that can be accidentally
triggered by transients. Instead, the power supply is held in
the on-state through the secondary side microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com