Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # TOP232G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232G Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button TOP232G Datasheet HTML 4Page - Power Analog Micoelectronics TOP232G Datasheet HTML 5Page - Power Analog Micoelectronics TOP232G Datasheet HTML 6Page - Power Analog Micoelectronics TOP232G Datasheet HTML 7Page - Power Analog Micoelectronics TOP232G Datasheet HTML 8Page - Power Analog Micoelectronics TOP232G Datasheet HTML 9Page - Power Analog Micoelectronics TOP232G Datasheet HTML 10Page - Power Analog Micoelectronics TOP232G Datasheet HTML 11Page - Power Analog Micoelectronics TOP232G Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TOP232-234
8
B
7/01
As seen above, the remote ON/OFF feature allows the
TOPSwitch-FX to be turned on and off instantly, on a cycle-by-
cycle basis, with very little delay. However, remote ON/OFF
can also be used as a standby or power switch to turn off the
TOPSwitch-FX and keep it in a very low power consumption
state for indefinitely long periods. If the TOPSwitch-FX is held
in remote off state for long enough time to allow the CONTROL
pin to dishcharge to the internal supply under-voltage threshold
of 4.8 V (approximately 32 ms for a 47
µF CONTROL pin
capacitance), the CONTROL pin goes into the hysteretic mode
of regulation. In this mode, the CONTROL pin goes through
alternate charge and discharge cycles between 4.8 V and 5.8 V
(see CONTROL pin operation section above) and runs entirely
off the high voltage DC input, but with very low power
consumption (160 mW typical at 230 VAC with M pin open).
When the TOPSwitch-FX is remotely turned on after entering
this mode, it will initiate a normal start-up sequence with soft-
start the next time the CONTROL pin reaches 5.8 V. In the
worst case, the delay from remote on to start-up can be equal to
the full discharge/charge cycle time of the CONTROL pin,
which is approximately 125 ms for a 47
µF CONTROL pin
capacitor. This reduced consumption remote off mode can
eliminate expensive and unreliable in-line mechanical switches.
It also allows for microprocessor controlled turn-on and turn-
off sequences that may be required in certain applications such
as inkjet and laser printers. See Figure 27 under application
examples for more information.
Soft-Start
An on-chip soft-start function is activated at start-up with a
duration of 10 ms (typical). Maximum duty cycle starts from
zero and linearly increases to the default maximum of 78% at
the end of the 10 ms duration. In addition to start-up, soft-start
is also activated at each restart attempt during auto-restart and
when restarting after being in hysteretic regulation of CONTROL
pin voltage (V
C), due to remote off or thermal shutdown
conditions. This effectively minimizes current and voltage
stresses on the output MOSFET, the clamp circuit and the
output rectifier, during start-up. This feature also helps minimize
output overshoot and prevents saturation of the transformer
during start-up.
Shutdown/Auto-Restart
To minimize TOPSwitch-FX power dissipation under fault
conditions, the shutdown/auto-restart circuit turns the power
supply on and off at an auto-restart duty cycle of typically 4%
if an out of regulation condition persists. Loss of regulation
interrupts the external current into the CONTROL pin. V
C
regulation changes from shunt mode to the hysteretic auto-
restart mode described above. When the fault condition is
removed, the power supply output becomes regulated, V
C
regulation returns to shunt mode, and normal operation of the
power supply resumes.
Hysteretic Over-Temperature Protection
Temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature (135 ˚C
typical). When the junction temperature cools to below the
hysteretic temperature, normal operation resumes. A large
hysteresis of 70 ˚C (typical) is provided to prevent overheating
of the PC board due to a repeating fault condition. V
C is
regulated in hysteretic mode and a 4.8 V to 5.8 V (typical)
sawtooth waveform is present on the CONTROL pin when the
power supply is turned off.
Bandgap Reference
All critical TOPSwitch-FX internal voltages are derived from a
temperature-compensated bandgap reference. This reference is
also used to generate a temperature-compensated current
reference which is trimmed to accurately set the switching
frequency, MOSFET gate drive current, current limit, and the
line OV/UV thresholds. TOPSwitch-FX has improved circuitry
to maintain all of the above critical parameters within very tight
absolute and temperature tolerances.
High-Voltage Bias Current Source
This current source biases TOPSwitch-FX from the DRAIN pin
and charges the CONTROL pin external capacitance during
start-up or hysteretic operation. Hysteretic operation occurs
during auto-restart, remote off and over-temperature shutdown.
In this mode of operation, the current source is switched on and
off with an effective duty cycle of approximately 35%. This
duty cycle is determined by the ratio of CONTROL pin charge
(I
C) and discharge currents (ICD1 and ICD2). This current source
is turned off during normal operation when the output MOSFET
is switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com