Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP232G Datasheet(PDF) 16 Page - Power Analog Micoelectronics

Part # TOP232G
Description  TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

TOP232G Datasheet(HTML) 16 Page - Power Analog Micoelectronics

Back Button TOP232G Datasheet HTML 12Page - Power Analog Micoelectronics TOP232G Datasheet HTML 13Page - Power Analog Micoelectronics TOP232G Datasheet HTML 14Page - Power Analog Micoelectronics TOP232G Datasheet HTML 15Page - Power Analog Micoelectronics TOP232G Datasheet HTML 16Page - Power Analog Micoelectronics TOP232G Datasheet HTML 17Page - Power Analog Micoelectronics TOP232G Datasheet HTML 18Page - Power Analog Micoelectronics TOP232G Datasheet HTML 19Page - Power Analog Micoelectronics TOP232G Datasheet HTML 20Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
TOP232-234
16
B
7/01
17 W PC Standby Power Supply
Figure 26 shows a 17 W PC standby application with 3.3 V and
5 V secondary outputs and a 15 V primary output. The supply
uses the TOP232 operating from 230 VAC or 100/115 VAC
with doubler input. This design takes advantage of the soft-
start, line under-voltage detect, tighter current limit variation
and higher switching frequency features of TOPSwitch-FX. For
example, the higher switching frequency with tighter current
limit variation allows use of an EE19 transformer core.
Furthermore, the spacing between high voltage DRAIN pin and
low voltage pins of the TOPSwitch-FX packages provides large
creepage distance which is a significant advantage in high
pollution environments such as fan cooled PC power supplies.
Capacitor C1 provides high frequency decoupling of the high
voltage DC supply, and is necessary only if there is a long trace
length from the source of the DC supply to the inputs of this
standby circuit. The line sense resistor R1 senses the DC input
voltage for line under-voltage. When AC is turned off, the
under-voltage detect feature of the TOPSwitch-FX prevents
auto-restart glitches at the output caused by the slow discharge
of large storage capacitance in the main converter. This is
achieved by turning the power supply off when the input
voltage goes below a level needed to maintain output regulation
and keeping it off until the input voltage goes above the
under-voltage threshold (V
UV), when the AC is turned on again.
The under voltage threshold is set at 200VDC, slightly below
the required lowest operating DC input voltage, for start-up at
170VAC. This feature saves several components needed to
implement the glitch free turn off with discrete or
TOPSwitch-II based designs.
The bias winding is rectified and filtered by D2 and C6 to create
a bias voltage for the TOP232 and to provide a 15V primary
bias output voltage for the main power supply primary control
circuitry. Both 3.3V and 5V output voltages are sensed by R9,
R10 and R11 using a TL431 (U3) circuit shown. Resistor R6
limits current through optocoupler U2 and sets overall AC
control loop gain. Resistor R7 assures that there is sufficient
bias current for the TL431 when the optocoupler is at a minimum
current. Capacitor C8 provides a soft-finish function to eliminate
turn-on overshoot. The no load regulation (cycle-skipping) of
TOPSwitch-FX permits the circuit to meet the low standby
power requirement of the Blue Angel specification for PCs.
Figure 26. 17 W PC Standby Supply.
3.3 V
@ 2 A
200-375
VDC
D2
BAV21
T1
C8
10
µF
35 V
C11
100
µF
10 V
C5
47
µF
U2
SFH615-2
U3
TL431CLP
C7
0.1
µF
R6
301
R9
16.2 k
D1
UF4005
VR1
BZY97C-200
U1
TOP232Y
DM
SF
C
TOPSwitch-FX
R7
510
C1
0.01
µF
1 kV
(optional)
(Primary
Referenced)
C6
35 V
D4
SB540
D3
SB540
5 V
@ 2 A
C12
1000
µF
10 V
C10
1000
µF
10 V
CY1
1 nF
+
-
PI-2537-040401
RTN
15 V
@ 30 mA
R5
6.8
R1
3.9 M
L2
3.3
µH
L1
3.3
µH
R10
12.1 k
R11
10 k
C13
100
µF
10 V
CONTROL
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com